Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2907AS Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # 2N2907AS
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N2907AS Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  2N2907AS Datasheet HTML 1Page - First Silicon Co., Ltd 2N2907AS Datasheet HTML 2Page - First Silicon Co., Ltd 2N2907AS Datasheet HTML 3Page - First Silicon Co., Ltd 2N2907AS Datasheet HTML 4Page - First Silicon Co., Ltd 2N2907AS Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ON CHARACTERISTICS
DC Current Gain
(IC = -0.1 mAdc, VCE = -10 Vdc)
(IC = -1.0 mAdc, VCE = -10 Vdc)
(IC = -10 mAdc, VCE = -10 Vdc)
(IC = -150 mAdc, VCE = -10 Vdc)
(IC = -500 mAdc, VCE = -10 Vdc)
HFE
75
100
100
100
50
−
−
−
300
−
−
Collector −Emitter Saturation Voltage
(IC = -150 mAdc, IB = -15 mAdc)
(IC = -500 mAdc, IB = -50 mAdc)
VCE(sat)
−
−
-0.4
-1.6
Vdc
Base −Emitter Saturation Voltage
(IC = -150 mAdc, IB = -15 mAdc)
(IC = -500 mAdc, IB = -50 mAdc)
VBE(sat)
−
-1.3
-2.6
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = -50 mAdc, VCE = 20 Vdc, f = 100 MHz)
fT
200
−
MHz
Output Capacitance
(VCB = -10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
−
8.0
pF
Input Capacitance
(VEB = -2.0 Vdc, IC = 0, f = 1.0 MHz)
Cibo
−
30
pF
SWITCHING CHARACTERISTICS
Delay Time
(VCC = -30 Vdc, VBE = −0.5 Vdc,
IC = -150 mAdc, IB1 = -15 mAdc)
td
−
10
ns
Rise Time
tr
−
40
Storage Time
(VCC = -30 Vdc, IC = -150 mAdc,
IB1 = IB2 = 15 mAdc)
ts
−
80
ns
Fall Time
tf
−
30
1. Device mounted on FR4 glass epoxy printed circuit board using the minimum recommended footprint.
2. Pulse Test: Pulse Width ≤300 s, Duty Cycle ≤2.0%.
2N2907AS
2008. 02. 18
2/5
Revision No : 1
−
Figure 1. Delay and Rise Time Test Circuit
0
0
–16 V
200 ns
50
1.0 k
200
–30 V
TO OSCILLOSCOPE
RISE TIME < 5.0 ns
+15 V
–6.0 V
1.0 k
37
50
1N916
1.0 k
200 ns
–30 V
TO OSCILLOSCOPE
RISE TIME < 5.0 ns
INPUT
Z O= 50 Ω
PRF = 150 PPS
RISE TIME <2.0 ns
P.W. < 200 ns
INPUT
Z o = 50 Ω
PRF = 150 PPS
RISE TIME <2.0 ns
P.W. <200 ns
Figure 2. Storage and Fall Time Test Circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com