Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7585-ADJSJ Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AMC7585-ADJSJ
Description  5A LOW DROPOUT REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AMC7585-ADJSJ Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AMC7585-ADJSJ Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC7585-ADJSJ Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC7585-ADJSJ Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC7585-ADJSJ Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC7585-ADJSJ Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC7585-ADJSJ Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC7585-ADJSJ Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC7585-ADJSJ Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC7585-ADJSJ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AMC DOC. #: AMC7585_E (LF)
AMC7585
Feb
2005
5A LOW DROPOUT REGULATOR
Copyright
© 2002, ADD Microtech Corp.
5
www.addmtek.com
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VIN = VOUT + 2V, IO = 10mA. These specifications apply operating ambient temperature
range, and are for DC characteristics only. (Low duty cycle pulse testing techniques are used which maintains
junction and case temperatures equal to the ambient temperature.)
AMC7585
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
AMC7585-2.5
TA = 25
OC
2.475
2.500
2.525
AMC7585-3.3
TA = 25
OC
3.267
3.300
3.333
Output Voltage
AMC7585-5.0
VOUT
TA = 25
OC
4.950
5.000
5.050
V
AMC7585-2.5
2.460
2.500
2.540
AMC7585-3.3
3.247
3.300
3.353
Output Voltage
AMC7585-5.0
VOUT
IO = 10mA to 5A
4.920
5.000
5.080
V
(Note 1)
1.238
1.250
1.262
Reference
Voltage
AMC7585-ADJ
VREF
IO = 10mA to 5A, (Note 1)
1.230
1.250
1.270
V
Line Regulation (Note 2)
VOI
(1.5V + VOUT) ≤ VIN ≤ 7V
0.04
0.2
%
Load regulation (Note 2)
VOL
IO = 10mA to 5A
0.08
0.3
%
IO = 10mA
1.00
1.15
Dropout Voltage
V
(Note 3)
IO = 5A
1.15
1.30
V
Quiescent Current
( for AMC7585-X.X)
IQ
VIN ≤ 7V, IO = 10mA to 3A
8
13
mA
Adjust Pin Current
( for AMC7585-ADJ)
IADJ
50
120
µA
Current Limit
ICL
(VIN - VOUT)=2V
5.1
6.8
A
Minimum Load Current (Note 4)
Imin
5
10
mA
Ripple Rejection (Note 5)
RR
VRIPPLE = 1VPP, IO = 100mA,
fO=120Hz
60
80
dB
Note 1
Output voltage is set to be 2.5V.
Note 2: Line and load regulations are guaranteed up to maximum power dissipation determined by input/output
differential and the output current. However, the maximum power will not be available over the full
input/output voltage range.
Note 3: The specifications represent the minimum input/output voltage required to maintain 1% regulation.
Note 4: The minimum load current is the minimum current required to maintain regulation. Normally the current in
the resistor divider used to set the output voltage is selected to meet the minimum load current requirement.
Note 5: These parameters, although guaranteed, are not tested in production prior to shipment



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com