Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7585-ADJSJ Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AMC7585-ADJSJ
Description  5A LOW DROPOUT REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AMC7585-ADJSJ Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AMC7585-ADJSJ Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC7585-ADJSJ Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC7585-ADJSJ Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC7585-ADJSJ Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC7585-ADJSJ Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC7585-ADJSJ Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC7585-ADJSJ Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC7585-ADJSJ Datasheet HTML 9Page - List of Unclassifed Manufacturers AMC7585-ADJSJ Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AMC DOC. #: AMC7585_E (LF)
AMC7585
Feb
2005
5A LOW DROPOUT REGULATOR
Copyright
© 2002, ADD Microtech Corp.
9
www.addmtek.com
3-Pin Surface Mount TO-263 (ST3)
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
MAX
A
0.160
-
0.190
4.06
-
4.83
b
0.020
-
0.039
0.51
-
0.99
b2 0.045
-
0.055
1.14
-
1.40
c
0.015 TYP.
0.38 TYP.
c2 0.045
-
0.055
1.14
-
1.40
D
0.340
-
0.380
8.64
-
9.65
E
0.380
-
0.405
9.65
-
10.29
e
0.100 BSC
2.54 BSC
L
0.575
-
0.625 14.61
-
15.88
L1 0.090
-
0.110
2.29
-
2.79
L2
-
-
0.115
-
-
2.92
E
b
b2
e
L1
L
c
A
c2
D
3-Pin Surface Mount TO-252 (SJ)
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
MAX
A
0.086
-
0.094
2.18
-
2.39
A1 0.040
-
0.050
1.02
-
1.27
b
-
0.024
-
-
0.61
-
b2 0.205
-
0.215
5.21
-
5.46
c
0.018
-
0.023
0.46
-
0.58
c1 0.018
-
0.023
0.46
-
0.58
D
0.210
-
0.220
5.33
-
5.59
E
0.250
-
0.265
6.35
-
6.73
e
0.090 BSC
2.29 BSC
e1
0.180 BSC
4.58 BSC
H
0.370
-
0.410
9.40
-
10.41
L
0.020
-
-
0.51
-
-
L1 0.025
-
0.040
0.64
-
1.02
L2 0.060
-
0.080
1.52
-
2.03
b2
E
L2
D
b
e
e1
L1
SEATING PLAN
H
L
c
c1
A1
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com