Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBMLM324 Datasheet(PDF) 3 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBMLM324
Description  OPERATION INSTRUCTION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBMLM324 Datasheet(HTML) 3 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBMLM324 Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM324 Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM324 Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM324 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM324 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM324 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM324 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM324 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM324 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
www.corebai.com
CBMLM321-CBMLM358-CBMLM324
OPERATION INSTRUCTION
ABSOLUTE MAXIMUM RATINGS
Condition
Symbol
Max
Power Supply Voltage
VCC
±12V or 24V
Differential input voltage
VI(DIFF)
24V
Input Voltage
VI
-0.3V~24V
Operating Temperature Range
Topr
-25℃ ~+80℃
Storage Temperature Range
Tstg
-65℃ ~+150℃
Note: Stress greater than those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at these
or any other conditions outside those indicated in the operational sections of this specification
are not implied. Exposure to absolute maximum rating conditions for extended periods may
affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com