Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBMLM324 Datasheet(PDF) 14 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBMLM324
Description  OPERATION INSTRUCTION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBMLM324 Datasheet(HTML) 14 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Back Button CBMLM324 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM324 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM324 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM324 Datasheet HTML 10Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM324 Datasheet HTML 11Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM324 Datasheet HTML 12Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM324 Datasheet HTML 13Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM324 Datasheet HTML 14Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM324 Datasheet HTML 15Page - COREBAI Microelectronics (Beijing) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
www.corebai.com
CBMLM321-CBMLM358-CBMLM324
OPERATION INSTRUCTION
SOP14
Symbol
Dimensions In Millimeters
Dimensions In Inches
MIN
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
A2
1.25
1.65
0.049
0.065
A3
0.55
0.75
0.022
0.030
b
0.36
0.49
0.014
0.019
D
8.53
8.73
0.336
0.344
E
5.80
6.20
0.228
0.244
E1
3.80
4.00
0.150
0.157
e
1.28 BSC
0.050 BSC
L
0.45
4.00
0.150
0.157
L1
1.04 REF
0.040 REF
L2
0.25 BSC
0.01 BSC
R
0.07
0.003
R1
0.07
0.003
h
0.30
0.50
0.012
0.020
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com