Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVL Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # PVL
Description  PVL Parts Verification Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PVL Datasheet(HTML) 1 Page - Banner Engineering Corp.

  PVL Datasheet HTML 1Page - Banner Engineering Corp. PVL Datasheet HTML 2Page - Banner Engineering Corp. PVL Datasheet HTML 3Page - Banner Engineering Corp. PVL Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Datasheet
Retroreflective Array Sensor Error Proofing and Light-Guided Assembly
• Rugged metal frame with 225 mm (8.9 in) or 500 mm (19.7 in) sensing length; 1.5 m (4.9 ft) sensing range using
included retroreflective tape (up to 6 m (20 ft) range when used with multiple BRT-84X84A retroreflectors)
• Highly visible green pick arrow
• Red mis-pick arrow
• Flexible mounting options; rugged steel mounting brackets
• Fast response time—excellent for part detection applications
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to serious
injury or death. This device does not include the self-checking redundant circuitry necessary to allow
its use in personnel safety applications. A sensor failure or malfunction can cause either an energized
or de-energized sensor output condition.
Models
Model Number
Description
Cable
Output 1
PVL225P
225 mm (8.9 in) length, with up to 1.5 m (4.9 ft) separation between sensor
and retroreflective tape (included)
2 m (6.5 ft), 4 wire unterminated cable
PNP, NC
PVL225N
NPN, NC
PVL225PQ
2 m (6.5 ft), cable terminated in 12 mm QD
PNP, NC
PVL225NQ
NPN, NC
PVL500P
500 mm (19.7 in) length with up to 1.5 m (4.9 ft) separation between sensor
and retroreflective tape (included)
2 m (6.5 ft), 4 wire unterminated cable
PNP, NC
PVL500N
NPN, NC
PVL500PQ
2 m (6.5 ft), cable terminated in 12 mm QD
PNP, NC
PVL500NQ
NPN, NC
Installation
Multiple sensors located farther than the sensor's maximum range from one another are unlikely to cause crosstalk problems. However, when
multiple sensors are mounted in a confined area, take care to avoid crosstalk between them. Make sure that the sensor's beams fall in the center of
the reflector.
Correct Alignment
Reflector
Sensor
Incorrect Alignment
Reflector
Sensor
1 NC = normally closed
PVL Parts Verification Array
Original Document
165037 Rev. F
11 October 2018
165037


Similar Part No. - PVL

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PVL E-SWITCH-PVL Datasheet
1Mb / 5P
pVl SerieS pilot indicator
logo
Banner Engineering Corp...
PVL BANNER-PVL Datasheet
1Mb / 2P
PVL Parts Verification Array
logo
Electronic Hardware Cor...
PVL EHC-PVL Datasheet
110Kb / 1P
Machined Aluminum Knobs
logo
E-SWITCH
PVL E-SWITCH-PVL Datasheet
862Kb / 8P
PVL Series Pilot Indicator
9.13.2019
logo
Electronic Hardware Cor...
PVL-12 EHC-PVL-12 Datasheet
110Kb / 1P
Machined Aluminum Knobs
More results

Similar Description - PVL

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44031 EPCOS-B44031 Datasheet
59Kb / 1P
Mounting Parts
logo
Qualtek Electronics Cor...
QAS QUALTEK-QAS Datasheet
529Kb / 1P
MOLDED PARTS
QMR QUALTEK-QMR Datasheet
617Kb / 1P
MOLDED PARTS
logo
E-SWITCH
PVL E-SWITCH-PVL Datasheet
1Mb / 5P
pVl SerieS pilot indicator
logo
Rosenberger Hochfrequen...
02CK050-150 ROSENBERGER-02CK050-150 Datasheet
664Kb / 3P
Verification Kit
03CK050-150 ROSENBERGER-03CK050-150 Datasheet
147Kb / 3P
RPC-3.50 Verification Kit
05CK050-150 ROSENBERGER-05CK050-150 Datasheet
147Kb / 3P
Verification Kit
logo
Pulse A Technitrol Comp...
BAHEXNUT PULSE-BAHEXNUT Datasheet
3Mb / 4P
PARTS/ACCESSORIES
logo
Banner Engineering Corp...
PVL BANNER-PVL_V01 Datasheet
1Mb / 2P
PVL Parts Verification Array
PVD BANNER-PVD Datasheet
637Kb / 8P
PVD Series Parts Verification Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com