Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVL Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # PVL
Description  PVL Parts Verification Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PVL Datasheet(HTML) 3 Page - Banner Engineering Corp.

  PVL Datasheet HTML 1Page - Banner Engineering Corp. PVL Datasheet HTML 2Page - Banner Engineering Corp. PVL Datasheet HTML 3Page - Banner Engineering Corp. PVL Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dimensions
L1
L2
Model
L1
L2
PVL225
311.5 mm (12.26 in)
327.5 mm (12.89 in)
PVL500
592 mm (23.31 in)
608 mm (23.94 in)
Accessories
Cordsets
4-Pin Threaded M12/Euro-Style Cordsets
Model
Length
Style
Dimensions
Pinout (Female)
MQDC-406
1.83 m (6 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
1 = Brown
2 = White
3 = Blue
4 = Black
MQDC-415
4.57 m (15 ft)
MQDC-430
9.14 m (30 ft)
MQDC-450
15.2 m (50 ft)
MQDC-406RA
1.83 m (6 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDC-415RA
4.57 m (15 ft)
MQDC-430RA
9.14 m (30 ft)
MQDC-450RA
15.2 m (50 ft)
Mounting Brackets
SMBPVL1
•
Right-angle bracket for mounting
the pick-to-light array
•
7 mm mounting hole
•
14 gauge cold rolled steel
A = ø 3, B = ø 7, C = ø 4.8
18
18
18
A
C
B
SMBPVL2-225
•
Flat bracket for mounting
reflector inside bin
•
7 mm mounting hole
•
14 gauge cold rolled steel
•
Includes retroreflective tape
2 x Ø7
29
348
PVL Parts Verification Array
P/N 165037 Rev. F
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com