Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBPVL5 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # SMBPVL5
Description  PVL Parts Verification Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMBPVL5 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  SMBPVL5 Datasheet HTML 1Page - Banner Engineering Corp. SMBPVL5 Datasheet HTML 2Page - Banner Engineering Corp. SMBPVL5 Datasheet HTML 3Page - Banner Engineering Corp. SMBPVL5 Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMBPVL2-500
•
Flat bracket for mounting
reflector inside bin
•
7 mm mounting hole
•
14 gauge cold rolled steel
•
Includes retroreflective tape
2 x Ø7
29
628
SMBPVL3-225
•
Right-angle bracket for mounting
reflector outside bin
•
7 mm mounting hole
•
14 gauge cold rolled steel
•
Includes retroreflective tape
26
2 x Ø7
31
342
SMBPVL3-500
•
Right-angle bracket for mounting
reflector outside bin
•
7 mm mounting hole
•
14 gauge cold rolled steel
•
Includes retroreflective tape
26
2 x Ø7
31
622
SMBPVL4
•
28 mm tubular mount bracket for
mounting outside bin
•
Clearance for M6 (1/4 in)
hardware
•
Painted cold rolled steel
A = ø M6 × 1, B = ø M6 × 1, C = ø 28
A
C
B
32
33
68
SMBPVL5
•
28 mm tubular mount bracket for
mounting inside bin
•
Clearance for M6 (1/4 in)
hardware
•
Painted cold rolled steel
A = ø M6 × 1 ISO 6H
32
41
51
A
Retroreflectors
Model
Reflectivity Factor
Range
Size
Replacement Tape
BRT-THG-1-100
0.7
1.5 m (4.9 ft )
25 mm (1 in) wide
2.5 m (8.2 ft) long
Long Range Reflectors
BRT-84X84A
2.0
6 m (19.7 ft)
84x84 mm
Banner Engineering Corp. Limited Warranty
Banner Engineering Corp. warrants its products to be free from defects in material and workmanship for one year following the date of shipment. Banner Engineering Corp. will repair or replace, free of charge,
any product of its manufacture which, at the time it is returned to the factory, is found to have been defective during the warranty period. This warranty does not cover damage or liability for misuse, abuse, or the
improper application or installation of the Banner product.
THIS LIMITED WARRANTY IS EXCLUSIVE AND IN LIEU OF ALL OTHER WARRANTIES WHETHER EXPRESS OR IMPLIED (INCLUDING, WITHOUT LIMITATION, ANY WARRANTY OF MERCHANTABILITY OR
FITNESS FOR A PARTICULAR PURPOSE), AND WHETHER ARISING UNDER COURSE OF PERFORMANCE, COURSE OF DEALING OR TRADE USAGE.
This Warranty is exclusive and limited to repair or, at the discretion of Banner Engineering Corp., replacement. IN NO EVENT SHALL BANNER ENGINEERING CORP. BE LIABLE TO BUYER OR ANY OTHER
PERSON OR ENTITY FOR ANY EXTRA COSTS, EXPENSES, LOSSES, LOSS OF PROFITS, OR ANY INCIDENTAL, CONSEQUENTIAL OR SPECIAL DAMAGES RESULTING FROM ANY PRODUCT DEFECT OR
FROM THE USE OR INABILITY TO USE THE PRODUCT, WHETHER ARISING IN CONTRACT OR WARRANTY, STATUTE, TORT, STRICT LIABILITY, NEGLIGENCE, OR OTHERWISE.
Banner Engineering Corp. reserves the right to change, modify or improve the design of the product without assuming any obligations or liabilities relating to any product previously manufactured by Banner
Engineering Corp. Any misuse, abuse, or improper application or installation of this product or use of the product for personal protection applications when the product is identified as not intended for such
purposes will void the product warranty. Any modifications to this product without prior express approval by Banner Engineering Corp will void the product warranties. All specifications published in this
document are subject to change; Banner reserves the right to modify product specifications or update documentation at any time. Specifications and product information in English supersede that which is
provided in any other language. For the most recent version of any documentation, refer to:
www.bannerengineering.com.
For patent information, see
www.bannerengineering.com/patents.
PVL Parts Verification Array
© Banner Engineering Corp. All rights reserved



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com