Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBPVL5 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # SMBPVL5
Description  PVL Parts Verification Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMBPVL5 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  SMBPVL5 Datasheet HTML 1Page - Banner Engineering Corp. SMBPVL5 Datasheet HTML 2Page - Banner Engineering Corp. SMBPVL5 Datasheet HTML 3Page - Banner Engineering Corp. SMBPVL5 Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wiring Diagram
NPN
12-30V dc
Job Light
Enable < 1.0V dc
–
+
1
3
2
4
Load
PNP
12-30V dc
Job Light
Enable > 7.0V dc
–
+
1
3
2
4
Load
Color Key
1 = Brown
2 = White
3 = Blue
4 = Black
Note: Pin 5 (center) is not used.
Status Indicators/Troubleshooting
Output Indicator
Power Indicator
Pick/Mis-Pick
Indicator
Target *
Job Enable (white
wire)
Pick/Mis-pick
Indicator
Power Indicator
Output Indicator
Output
Not sensed
inactive
off
green
off
inactive
Sensed
inactive
flashing red
green
amber
active
Not sensed
active
green
green
off
inactive
Sensed
active
green
green
amber
active
Target not sensed = All beams are unbroken.
Target sensed = One or more beams are broken.
Specifications
Supply Voltage
12 V dc to 30 V dc
Supply Current
PVL225:
< 140 mA max current at 12 V dc (exclusive of load)
< 70 mA max current at 30 V dc (exclusive of load)
PVL500:
< 220 mA max current at 12 V dc (exclusive of load)
< 100 mA max current at 30 V dc (exclusive of load)
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Rating
Maximum Load: 150 mA
ON-state saturation voltage:
PNP: < 2 V dc at 10 mA; < 2.5 V dc at 150 mA
NPN: < 1.5 V dc at 10 mA; < 2.0 V dc at 150 mA
OFF-state leakage current: <10 µA at 30 V dc
Minimum Object Detection Size
0.2
Distance (Meters)
Minimum Object Size
0
50.0
60.0
70.0
80.0
90.0
100.0
110.0
120.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Environmental Rating
IEC IP50
Indicators
Job (pick) indicator: green
Mispick indicator: flashing red
Green LED: Power ON/OFF
Amber LED: Output ON/OFF
Output Response Time
Less than 2 milliseconds ON and OFF
Beam Spacing
70 mm
PVL225: 4 beams
PVL500: 8 beams
Sensing Range
1.5 m (4.9 ft) with retroreflective tape
Connections
2m (6.5 ft) PVC integral cable with unterminated, or 2m (6.5 ft) cable with 12 mm QD
Operating Conditions
0 °C to +50 °C (+32 °F to +122 °F)
90% at 50 °C maximum relative humidity (non-condensing)
Storage: –40 °C to +70 °C (–40 °F to +158 °F)
Construction
Aluminum anodized housing; polycarbonate translucent dome
Vibration and Mechanical Shock
All models meet Mil. Std. 202F requirements method 201A (vibration: 10 Hz to 60 Hz
max., double amplitude 0.06 in. maximum acceleration 10G). Also meets IEC 947-5-2;
30G 11 ms duration, half sine wave.
Certifications
PVL Parts Verification Array
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 165037 Rev. F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com