Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B3384L Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3B3384L
Description  3.3V, 10-Bit, 2-Port, NanoSwitch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3384L Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3B3384L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3384L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3384L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B3384L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B3384L Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PI3B3384, PI3B32384(25
Ω
Ω
Ω
Ω
Ω)
3.3V, 10-Bit, 2-Port NanoSwitch
3
PS8161F
09/23/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Power Supply Characteristics
Parameters Description
TestConditions(1)
Min.
Typ(2)
Max.
Units
ICC
Quiescent Power
VCC = Max.,
PI3B3384
—
0.1
3
µA
Supply Current
VIN = GND or VCC
PI3B32384
∆ICC
Supply Current per
VCC = Max., VIN = 3.0V(3)
—
—
750
µA
Input @ TTL HIGH
PI3B3384 Switching Characteristics Over Operating Range
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Per TTL driven input (control inputs only); A and B pins do not contribute to ICC.
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time
constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the rise/fall times of typical driving
signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is determined by the driving
circuit on the driving side of the switch and its interaction with the load on the driven side.
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
( )
3
4
8
3
3
B
3
I
P
s
t
i
n
U
.
m
o
C
.
n
i
M.
x
a
M
t H
L
P
t L
H
P
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
)
3
,
2
(
x
A
o
t
x
B
,
x
B
o
t
x
A
CL
F
p
0
5
=
RL
0
0
5
=
Ω
5
2
.
0
s
n
t H
Z
P
t L
Z
P
e
m
i
T
e
l
b
a
n
E
s
u
B
x
B
r
o
x
A
o
t
x
E
B
CL
F
p
0
5
=
RL
0
0
5
=
Ω
RL
0
0
5
=
Ω
0
.
10
.
4
t Z
H
P
t Z
L
P
e
m
i
T
e
l
b
a
s
i
D
s
u
B
x
B
r
o
x
A
o
t
x
E
B
0
.
15
.
3
PI3B32384
Com.
Parameters Description
Conditions(1)
Min.
Max.
Units
tPLH
Propagation Delay(2,3) CL = 50pF
0.25
tPHL
Ax to Bx, Bx to Ax
RL = 500Ω
tPZH
Bus Enable Time
CL=50pF,
1.0
4.0
ns
tPZL
BEX to Ax or Bx
RL = 500Ω,
tPHZ
Bus Disable Time
RL = 500Ω
1.0
4.5
tPLZ
BEx to Ax or Bx
PI3B32384 Switching Characteristics over Operating Range
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time
constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the rise/fall times of typical driving
signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is determined by the driving
circuit on the driving side of the switch and its interaction with the load on the driven side.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com