Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B3384L Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3B3384L
Description  3.3V, 10-Bit, 2-Port, NanoSwitch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3384L Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3B3384L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3384L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3384L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B3384L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B3384L Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS8161F
09/23/04
Description
PericomSemiconductor’sPI3B3384andPI3B32384are3.3Volt,10-
bit, 2-port bus switches designed with a low On-Resistance allowing
inputs to be connected directly to outputs. The bus switch creates
no additional propagational delay or additional ground bounce
noise. Switches are turned ON by the Bus Enable (BE) input signal.
Two bus enable signals are provided, one for each of the upper and
lower five bits of the two 10-bit buses. The PI3B32384 is designed
with an internal 25-ohm resistor reducing noise reflection in high-
speed applications.
BEA
B0
A0
A1
B1
B2
A2
A3
B3
B4
A4
GND
Vcc
B9
A9
A8
B8
B7
A7
A6
B6
B5
A5
BEB
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
PinConfiguration
PinDescription
PinName
Description
BEA,BEB
Bus Enable Inputs (Active LOW)
A0-A9
Bus A
B0-A9
Bus B
GND
Ground
VCC
Power
Features
• Near-Zero propagation delay
• Lownoise,25-ohmversion(PI3B32384)
• 5-ohm switches connect inputs to outputs (PI3B3384)
• Fast Switching Speed - 4.5ns max.
• Ultra-low quiescent power (0.1µA typical)
– Ideally suited for notebook applications
• Packaging (Pb-free & Green available):
– 24-pin 150-mil wide plastic QSOP (Q)
– 24-pin 173-mil wide plastic TSSOP (L)
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Function
BEA
BEB
B0-B4
B5-B9
Disconnect
H
H
Hi-Z
Hi-Z
Connect
L
H
A0-A4
Hi-Z
Connect
H
L
Hi-Z
A5-A9
Connect
L
L
A0-A4
A5-A9
Truth Table(1)
Block Diagram
PI3B3384
PI3B32384 (25
Ω
Ω
Ω
Ω
Ω)
3.3V, 10-Bit, 2-Port, NanoSwitch™
Notes:
1. H = High Voltage Level
X = Don’t Care
L = Low Voltage Level
Hi-Z =High Impedance
24-Pin
Q, L
BEA
A4
A0
B4
B0
A9
A5
B9
B5
BEB
AB
BE


Similar Part No. - PI3B3384L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3383 PERICOM-PI3B3383 Datasheet
53Kb / 5P
3.3V, 5-Bit, 4-Port Bus Exchange NanoSwitch
PI3B3383L PERICOM-PI3B3383L Datasheet
53Kb / 5P
3.3V, 5-Bit, 4-Port Bus Exchange NanoSwitch
PI3B3383Q PERICOM-PI3B3383Q Datasheet
53Kb / 5P
3.3V, 5-Bit, 4-Port Bus Exchange NanoSwitch
More results

Similar Description - PI3B3384L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
3.3V, 32-Bit, 2-Port NanoSwitch
PI3B16210 PERICOM-PI3B16210 Datasheet
168Kb / 3P
3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B3861 PERICOM-PI3B3861 Datasheet
174Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B16861 PERICOM-PI3B16861 Datasheet
182Kb / 5P
3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B3245 PERICOM-PI3B3245 Datasheet
191Kb / 5P
3.3V, Hot Insertion 8-Bit, 2-Port, NanoSwitch
PI3B16245 PERICOM-PI3B16245_04 Datasheet
149Kb / 5P
3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B3125LEX PERICOM-PI3B3125LEX Datasheet
440Kb / 6P
3.3V, 4-Bit, 2-Port Nanoswitch
PI3B32X384 PERICOM-PI3B32X384_06 Datasheet
308Kb / 4P
3.3V, 20-Bit, 2-Port NanoSwitch
PI3B3861 PERICOM-PI3B3861_10 Datasheet
735Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com