Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR13B565KB Datasheet(PDF) 50 Page - Kemet Corporation

Part # CSR13B565KB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR13B565KB Datasheet(HTML) 50 Page - Kemet Corporation

Back Button CSR13B565KB Datasheet HTML 46Page - Kemet Corporation CSR13B565KB Datasheet HTML 47Page - Kemet Corporation CSR13B565KB Datasheet HTML 48Page - Kemet Corporation CSR13B565KB Datasheet HTML 49Page - Kemet Corporation CSR13B565KB Datasheet HTML 50Page - Kemet Corporation CSR13B565KB Datasheet HTML 51Page - Kemet Corporation CSR13B565KB Datasheet HTML 52Page - Kemet Corporation CSR13B565KB Datasheet HTML 53Page - Kemet Corporation CSR13B565KB Datasheet HTML 54Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 84 page
background image
®
KEMET
TANTALUM MOLDED / RADIAL
T330 SERIES - PRECISION MOLDED - RADIAL LEAD
50
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
CAPACITOR OUTLINE DRAWINGS
A CASE
E
W
H
T
.500
±.125
(12.7
±.3.18)
.25
±.001
(.64
±.03)
W
H
B, C, & D CASES
S
T
.050R
±.005
(1.27R
±.13)
E
Note:
On the "B" case size the
stand off appears only
between the two leadss
.500
±.125
(12.7
±.3.18)
S
.020
±.001
(.51
±.03)
.015
±.005
(.38
±.13)
(Stand Off)
.150
±.005
(.38
±.13)
(Stand Off)
DIMENSIONS — INCHES & (MILLIMETERS)
CASE
H
W
T
E
S
SIZE
CASE HEIGHT
CASE WIDTH
CASE THICKNESS
CASE TO WIRE
LEAD SPACING
A
.345 ± .008
.230 ± .005
.105 ± .005
.050 ± .010
.125 ± .005
(8.76 ± .203)
(5.84 ± .127)
(2.67 ± .127)
(1.27 ± .25)
(3.18 ± .127)
B
.225 ± .015
.285 ± .015
.170 ± .015
.042 ± .010
.200 ± .005
(5.71 ± 0.38)
(7.24 ± 0.38)
(4.32 ± 0.38)
(1.07 ± .25)
(5.08 ± .127)
C
.325 ± .015
.325 ± .015
.170 ± .015
.062 ± .010
.200 ± .005
(8.26 ± 0.38)
(8.26 ± 0.38)
(4.32 ± 0.38)
(1.57 ± 0.25)
(5.08 ± .127)
D
.375 ± .015
.600 ± .015
.195 ± .015
.200 ± .010
.200 ± .005
(9.53 ± 0.38)
(15.24 ± 0.38)
(4.95 ± 0.38)
(5.08 ± 0.25)
(5.08 ± .127)
ORDERING INFORMATION
T
330
B
104
M
035
A
S*
TANTALUM
SERIES
Radial Lead
Precision Molded Polar
Solid Tantalum
CASE SIZE
A / B / C / D
PICOFARAD CODE
First two digits are significant figures.
Third digit is the number of zeros following.
LEAD MATERIAL
S — Standard (Solder-Coated Nickel)
FAILURE RATE LEVEL
A — Not Applicable
VOLTAGE RATING
CAP. TOLERANCE
M — ±20% — Std.
K — ±10% — Std.
J — ±5% — Available on
request
MARKING INFORMATION
4.7K
25K
+
Capacitance
Tolerance:
5% - J
10% - K
20% - Standard (no mark)
Polarity
KEMET Trademark
Voltage Rating
*Part Number Example: T330B104M035AS (14 digits – no spaces)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com