Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR13B565KB Datasheet(PDF) 54 Page - Kemet Corporation

Part # CSR13B565KB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR13B565KB Datasheet(HTML) 54 Page - Kemet Corporation

Back Button CSR13B565KB Datasheet HTML 50Page - Kemet Corporation CSR13B565KB Datasheet HTML 51Page - Kemet Corporation CSR13B565KB Datasheet HTML 52Page - Kemet Corporation CSR13B565KB Datasheet HTML 53Page - Kemet Corporation CSR13B565KB Datasheet HTML 54Page - Kemet Corporation CSR13B565KB Datasheet HTML 55Page - Kemet Corporation CSR13B565KB Datasheet HTML 56Page - Kemet Corporation CSR13B565KB Datasheet HTML 57Page - Kemet Corporation CSR13B565KB Datasheet HTML 58Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 84 page
background image
®
KEMET
TANTALUM MOLDED / RADIAL
T340 SERIES
54
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
MARKING INFORMATION
Insert Date Code as follows:
= DIN. Specification Date Code
1st digit - represents year
A - 1990
B - 1991
C - 1992
D - 1993
E - 1994
F - 1995
G - 1996
H - 1997
J - 1998
K - 1999
2nd digit - represents month
1 - 9 for January - September
O for October
N for November
D for December
220J
+ 10 K
Polarity
Voltage
KEMET Trademark
Capacitance
(in Microfarads)
10K
+ 16 K
4.7J
+ 10 K
33K
+ 10 K
A Case
B Case
C Case
D & F Case
E Case
47J
+ 16 K
Capacitance Tolerance
±5% - J
±10% - K
±20% - Standard,
(no marking)
European
American
220J
+ 10 K
Polarity
Voltage
KEMET Trademark
Capacitance
(in Microfarads)
10K
+ 16 K
4.7J
+ 10 K
33K
+ 10 K
A Case
B Case
C Case
D & F Case
E Case
47J
+ 16 K
Capacitance Tolerance
±5% - J
±10% - K
±20% - Standard,
(no marking)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com