Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 152 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 148Page - STMicroelectronics STR720 Datasheet HTML 149Page - STMicroelectronics STR720 Datasheet HTML 150Page - STMicroelectronics STR720 Datasheet HTML 151Page - STMicroelectronics STR720 Datasheet HTML 152Page - STMicroelectronics STR720 Datasheet HTML 153Page - STMicroelectronics STR720 Datasheet HTML 154Page - STMicroelectronics STR720 Datasheet HTML 155Page - STMicroelectronics STR720 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 401 page
background image
STR720 - REAL TIME CLOCK (RTC)
152/401
14.3.2
Reset procedure
All system registers are asynchronously reset by either an external Reset event (RSTIN
device input pin, forced low) or an internal Reset event (WDG or Software Reset), except
RTCA, RTCP, RTCCNT registers. To reset them, the RTCRST device input pin has to be
forced low: RTCA, RTCP and RTCCNT registers are reset to FFFF_FFFF_FFFFh, 0_8000h
and 0000_0000_0000h respectively.
14.3.3
Free-running mode
After reset the peripheral will enter in free-running mode. In this operating mode the RTC
programmable counter starts counting. Interrupt flags are activated too but, since interrupt
signals are masked, there is no interrupt generation. Interrupt signals must be enabled by
setting the appropriate bits in RTCCR register. In order to avoid spurious interrupt generation
it is recommended to clear old interrupt requests before enabling them.
14.3.4
Configuration mode
To write to the RTCCNT, RTCP and RTCA registers, the peripheral must enter Configuration
mode. This is obtained writing CNF bit at ‘1’.
In addition, the writing operation is only enabled if the previous writing operation is finished. To
enable software to detect this situation the status bit RTOFF is provided in the RTCCR control
register to indicate that an update of the registers is in progress. A new value must not be
written to the RTC counters until the status bit value is ‘0’ since as long as RTOFF bit is ‘0’ all
attempts to write any RTC register will fail.
A special case of configuration mode is entered also as soon as RTCCR register is written
with CNF at ‘0’. In this case RTOFF becomes ‘0’ immediately and it remains as such for 1 or 2
CLK_AF cycles, preventing any subsequent modification until its normal state is restored.
During this special configuration mode, only RTCCR contents are updated, while RTCCNT,
RTCP and RTCA registers remain unaffected.
14.4 Register description
The RTC registers can only be accessed by word. The reserved bits can not be written and
they are always read at ‘0’, unless otherwise specified.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com