Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 153 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 153 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 149Page - STMicroelectronics STR720 Datasheet HTML 150Page - STMicroelectronics STR720 Datasheet HTML 151Page - STMicroelectronics STR720 Datasheet HTML 152Page - STMicroelectronics STR720 Datasheet HTML 153Page - STMicroelectronics STR720 Datasheet HTML 154Page - STMicroelectronics STR720 Datasheet HTML 155Page - STMicroelectronics STR720 Datasheet HTML 156Page - STMicroelectronics STR720 Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 401 page
background image
STR720 - REAL TIME CLOCK (RTC)
153/401
RTCCR: RTC Control Register
Address Offset: 00h
Reset value: 0020h
The functions of the RTC are controlled by this control register. It is not possible to write this
register while the peripheral is completing a previous write operation (flagged by RTOFF=0
(see “Configuration mode” on page 152).
Bit 15:11 = Reserved. These bits must always be written to ‘0’.
Bit 10 = PEREN: PERiodic interrupt ENable
0: Periodic interrupt is masked.
1: Periodic interrupt is enabled.
Bit 9 = AEN: Alarm interrupt ENable
0: Alarm interrupt is masked.
1: Alarm interrupt is enabled.
Bit 8 = Reserved. This bits must always be written to ‘0’.
The above listed bits are used to mask interrupt requests. Note that at reset all interrupts are
disabled, so it is possible to write the RTC registers so that no interrupt requests are pending
after initialization.
Bits 7:6 = Reserved. These bits must always be written to ‘0’.
Bit 5 = RTOFF: RTc operation OFF
With this bit RTC reports the status of the last write operation performed on its registers,
indicating if it has been completed or not. If its value is ‘0’ then it is not possible to write any
RTC register. This bit can only be read by software.
0: Last write operation on RTC registers is still active.
1: Last write operation on RTC registers terminated.
Note
A read operation on RTC registers with RTOFF=0 returns anyway their current value.
Bit 4 = CNF: CoNfiguration Flag
This bit must be set at ‘1’ by software in order to enter the configuration mode thus allowing to
write new values in RTCCNT, RTCA, RTCP registers. The writing operation is really executed
when the CNF bit after being set, is reset again by software.
0: Exit configuration mode (start update of RTC registers).
1: Enter configuration mode.
Bit 3 = Reserved. This bits must always be written to ‘0’, but it will be read back as ‘1’.
15
14
13
12
11
10
9
8
765432
1
0
Reserved
PEREN
AEN
Res.
Reserved
RTOFF
CNF
Res.
PERIR
AIR
Res.
-rw
rw
-
-
r
rw
-
rc
rc
-
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com