Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 169 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 169 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 165Page - STMicroelectronics STR720 Datasheet HTML 166Page - STMicroelectronics STR720 Datasheet HTML 167Page - STMicroelectronics STR720 Datasheet HTML 168Page - STMicroelectronics STR720 Datasheet HTML 169Page - STMicroelectronics STR720 Datasheet HTML 170Page - STMicroelectronics STR720 Datasheet HTML 171Page - STMicroelectronics STR720 Datasheet HTML 172Page - STMicroelectronics STR720 Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 401 page
background image
STR720 - UART
169/401
16 UART
16.1 Introduction
The UART interface, also referred to as the Asynchronous Serial Controller (ASC), provides
serial communication between STR720 and other microcontrollers, microprocessors or
external peripherals.
The ASC supports full-duplex asynchronous communication. Eight or nine bit data transfer,
parity generation, and the number of stop bits are programmable. Parity, framing, and overrun
error detection are provided to increase the reliability of data transfers. Transmission and
reception of data can simply be double-buffered, or 16-deep fifos may be used. For
multiprocessor communications, a mechanism to distinguish the address from the data bytes
is included. Testing is supported by a loop-back option. A 16-bit baud rate generator provides
the ASC with a separate serial clock signal.
16.2 Main Features
Full-duplex asynchronous communication
Two internal FIFOs (16 words deep) for transmit and receive data
16-bit baud rate generator
Data frames both 8 and 9 bit long
Parity bit (even or odd) and stop bit
Multiprocessor communication support
16.3 Functional Description
The ASC supports full-duplex asynchronous communication, where both the transmitter and
the receiver use the same data frame format and the same baud rate. Data is transmitted on
the TXD pin and received on the RXD pin.
16.3.1
Data frames
Eight-bit data frames (see Figure 20) either consist of:
eight data bits D0-7 (by setting the Mode bit field to 001);
seven data bits D0-6 plus an automatically generated parity bit (by setting the Mode bit
field to 011).
Parity may be odd or even, depending on the ParityOdd bit in the ASCControl register. An
even parity bit will be set, if the modulo-2-sum of the seven data bits is 1. An odd parity bit will
be cleared in this case.}
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com