Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 172 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 172 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 168Page - STMicroelectronics STR720 Datasheet HTML 169Page - STMicroelectronics STR720 Datasheet HTML 170Page - STMicroelectronics STR720 Datasheet HTML 171Page - STMicroelectronics STR720 Datasheet HTML 172Page - STMicroelectronics STR720 Datasheet HTML 173Page - STMicroelectronics STR720 Datasheet HTML 174Page - STMicroelectronics STR720 Datasheet HTML 175Page - STMicroelectronics STR720 Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 401 page
background image
STR720 - UART
172/401
16.3.3
Reception
Reception is initiated by a falling edge on the data input pin (RXD), provided that the
ASCControl(Run) and ASCControl(RxEnable) bits are set. The RXD pin is sampled at 16
times the rate of the selected baud rate. A majority decision of the first, second and third
samples of the start bit determines the effective bit value. This avoids erroneous results that
may be caused by noise.
If the detected value is not a 0 when the start bit is sampled, the receive circuit is reset and
waits for the next falling edge transition at the RXD pin. If the start bit is valid, the receive
circuit continues sampling and shifts the incoming data frame into the receive shift register.
For subsequent data and parity bits, the majority decision of the seventh, eighth and ninth
samples in each bit time is used to determine the effective bit value.
Note
If reception is initiated when data input pin (RXD) is being stretched at ‘0’ a frame
error indication is reported, since reception stage samples the initial value as a falling
edge.
For 0.5 stop bits, the majority decision of the third, fourth, and fifth samples during the stop bit
is used to determine the effective stop bit value.
For 1 and 2 stop bits, the majority decision of the seventh, eighth, and ninth samples during
the stop bits is used to determine the effective stop bit values.
For 1.5 stop bits, the majority decision of the fifteenth, sixteenth, and seventeenth samples
during the stop bits is used to determine the effective stop bit value.
The effective values received on the RXD pin are shifted into a 10-bit rxshift register.
The receive fifo, rxfifo, is implemented as a 16 deep array of 10-bit vectors (each 9 down to 0).
If the rxfifo is empty, ASCstatus(RxBufNotEmpty) is set to ‘0’. If the rxfifo is not empty, a read
from ASCRx-Buffer will get the oldest entry in the rxfifo. If fifos are disabled, the rxfifo is
considered full when it contains one character. ASCStatus(RxHalfFull) is set when the rxfifo
contains more than 8 characters. Writing anything to ASCRxReset empties the rxfifo.
As soon as the effective value of the last stop bit has been determined, the content of the
rxshift register is transferred to the rxfifo (unless we’re in wake-up mode, in which case this
happens only if the wake-up bit, bit8, is a ‘1’). The receive circuit then waits for the next start
bit (falling edge transition) at the RXD pin.
ASCStatus(OverrunError) is set when the rxfifo is full and a character is loaded from the
rxshift register into the rxfifo. It is cleared when the ASCRxBuffer register is read.
The most significant bit of each rxfifo entry (rxfifo[x][9]) records whether or not there was a
frame error when that entry was received (i.e. one of the effective stop bit values was ’0’).
ASCStatus(FrameError) is set when at least one of the valid entries in the rxfifo has its MSB
set.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com