Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 175 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 175 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 171Page - STMicroelectronics STR720 Datasheet HTML 172Page - STMicroelectronics STR720 Datasheet HTML 173Page - STMicroelectronics STR720 Datasheet HTML 174Page - STMicroelectronics STR720 Datasheet HTML 175Page - STMicroelectronics STR720 Datasheet HTML 176Page - STMicroelectronics STR720 Datasheet HTML 177Page - STMicroelectronics STR720 Datasheet HTML 178Page - STMicroelectronics STR720 Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 401 page
background image
STR720 - UART
175/401
16.3.6
Interrupt control
The ASC has a single interrupt coming out of it, called ASC_interrupt. The status bits in the
ASC-Status register determine the cause of the interrupt. ASC_interrupt will go high when a
status bit is 1 (high) and the corresponding bit in the ASCIntEnable register is 1 (see
Figure 22).
Note: The ASCStatus register is read only. The Status bits can only be cleared by operating
on the FIFOs. The RxFIFO and TxFIFO can be reset by writing to the ASCRxReset and
ASCTxReset registers.
300
4166.667
4167
1047
0.008%
75
16666.667
16667
411B
0.002%
Figure 22. UART interrupt request
Table 44. Baud rates with fAPB = 20 MHz
Baud rate
Reload value
(exact)
Reload value
(integer)
Reload value
(hex)
Deviation error
TimeoutIdle
TimeoutIdle IE
TimeoutNotEmpty
TimeoutNotEmpty IE
OverrunError
OverrunError IE
FrameError
FrameError IE
ParityError
ParityError IE
TxHalfEmpty
TxHalfEmpty IE
TxEmpty
TxEmpty IE
RxBufNotEmpty
RxBufNotEmpty IE
ASC_interrupt
RxHalfFull
RxHalfFull IE
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com