Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 179 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 179 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 175Page - STMicroelectronics STR720 Datasheet HTML 176Page - STMicroelectronics STR720 Datasheet HTML 177Page - STMicroelectronics STR720 Datasheet HTML 178Page - STMicroelectronics STR720 Datasheet HTML 179Page - STMicroelectronics STR720 Datasheet HTML 180Page - STMicroelectronics STR720 Datasheet HTML 181Page - STMicroelectronics STR720 Datasheet HTML 182Page - STMicroelectronics STR720 Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 401 page
background image
STR720 - UART
179/401
ASCRxBuffer
Address Offset: 08h
Reset value: 0000h
The received data and, if provided by the selected operating mode, the received parity bit can
be read from the receive buffer register.
Bit 15:10 = Reserved.
Will read back 0
Bit 9 = RX[9]: Frame error.
If set, it indicates a frame error occurred on data stored in RX[8:0] (i.e. one of the effective
stop bit values was ‘0’ when the data was received).
Bit 8 = RX[8]: Receive buffer data D8.
Receive buffer data D8, or parity error, or wake-up bit - dependent on the operating mode (the
setting of the Mode field in the ASCControl register).
Note
If the Mode field selects a 7- or 8-bit frame then this bit is undefined. Software should
ignore this bit when reading 7- or 8-bit frames.
Bit 7 = RX[7]: Receive buffer data D7.
Receive buffer data D7, or parity error - dependent on the operating mode (the setting of the
Mode field in the ASCControl register).
Bit 6:0 = RX[6:0]: Receive buffer data D(6:0).
15
14
13
12
11
10
9
8
765432
1
0
RESERVED
RX[9]
RX[8]
RX[7]
RX[6]
RX[5]
RX[4]
RX[3]
RX[2]
RX[1]
RX[0]
rrrrrr
r
r
rrrrrr
r
r
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com