Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 185 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 185 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 181Page - STMicroelectronics STR720 Datasheet HTML 182Page - STMicroelectronics STR720 Datasheet HTML 183Page - STMicroelectronics STR720 Datasheet HTML 184Page - STMicroelectronics STR720 Datasheet HTML 185Page - STMicroelectronics STR720 Datasheet HTML 186Page - STMicroelectronics STR720 Datasheet HTML 187Page - STMicroelectronics STR720 Datasheet HTML 188Page - STMicroelectronics STR720 Datasheet HTML 189Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 401 page
background image
STR720 - UART
185/401
16.4.1
Register map
The following table summarizes the registers implemented in the UART macrocell.
Refer to Table 20 on page 49 for the base address.
Table 45. UART Peripheral Register Map
Addr.
Offset
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
ASC
Baud
Rate
ASCBaudRate
4
ASC
TxBuffer
RESERVED
ASCTxBuffer
8
ASC
RxBuffer
RESERVED
ASCRxBuffer
C
ASC
Control
RESERVED
FifoEn-
able
RE-
SERVE
D
RxEn-
able
Run
Loop-
Back
Parity-
Odd
Stop
Bits
Mode
10
ASC
IntEnable
RESERVED
ASCIntEnable
14
ASC
Status
RESERVED
ASCStatus
1C
ASC
Timeout
RESERVED
ASCTimeout
20
ASC
TxReset
ASCTxReset
24
ASC
RxReset
ASCRxReset
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com