Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 186 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 186 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 182Page - STMicroelectronics STR720 Datasheet HTML 183Page - STMicroelectronics STR720 Datasheet HTML 184Page - STMicroelectronics STR720 Datasheet HTML 185Page - STMicroelectronics STR720 Datasheet HTML 186Page - STMicroelectronics STR720 Datasheet HTML 187Page - STMicroelectronics STR720 Datasheet HTML 188Page - STMicroelectronics STR720 Datasheet HTML 189Page - STMicroelectronics STR720 Datasheet HTML 190Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 401 page
background image
STR720 - BUFFERED SPI (BSPI)
186/401
17 BUFFERED SPI (BSPI)
17.1 Introduction
The BSPI block is a standard 4-pin Serial Peripheral Interface for serial control
communication. It interfaces on one side to the SPI bus and on the other has a standard
register data and interrupt interface.
The BSPI contains two 16-word x 16-bit FIFO’s one for receive and the other for transmit. The
BSPI can directly operate with words 8 and 16 bit long and can generates interrupts or DMA
requests separately for receive and transmit events.
17.2 Main Features
Programmable depth receive FIFO.
Maximum 16 word Receive FIFO.
Programmable depth transmit FIFO.
Maximum 16 word Transmit FIFO.
Master and Slave modes supported.
Internal clock prescaler.
Programmable DMA interface
17.3 Functional Description
The processor views the BSPI as a memory mapped peripheral, which may be used by
standard
polling,
interrupt
programming
techniques
or
DMA
controlled
access.
Memory-mapping means processor communication can be achieved using standard
instructions and addressing modes.
When an SPI transfer occurs data is transmitted and received simultaneously. A serial clock
line synchronizes shifting and sampling of the information on the two serial data lines. A slave
select line allows individual selection of a slave device. The central elements in the BSPI
system are the 16-bit shift register and the read data buffer which is 16 words x 16-bit.A
BSPI-DMA interface is also present to allow for data to be transferred to/from memory using
the DMA.A block diagram of the BSPI is shown in Figure 23 on page 187.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com