Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 195 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 195 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 191Page - STMicroelectronics STR720 Datasheet HTML 192Page - STMicroelectronics STR720 Datasheet HTML 193Page - STMicroelectronics STR720 Datasheet HTML 194Page - STMicroelectronics STR720 Datasheet HTML 195Page - STMicroelectronics STR720 Datasheet HTML 196Page - STMicroelectronics STR720 Datasheet HTML 197Page - STMicroelectronics STR720 Datasheet HTML 198Page - STMicroelectronics STR720 Datasheet HTML 199Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 401 page
background image
STR720 - BUFFERED SPI (BSPI)
195/401
Bit 9 = CPHA: Clock Phase Select.
Used with the CPOL bit to define the master-slave clock relationship. When CPHA=0, as soon
as the SS goes low the first data sample is captured on the first edge of SCK. When CPHA=1,
the data is captured on the second edge.
Bit 8 = CPOL: Clock Polarity Select.
When this bit is cleared and data is not being transferred, a stable low value is present on the
SCK pin. If the bit is set the SCK pin will idle high. This bit is used with the CPHA bit to define
the master-slave clock relationship.
0 = Active high clocks selected; SCK idles low.
1 = Active low clocks selected; SCK idles high.
Bit 7 = BEIE: Bus Error Interrupt Enable.
When this bit is set to ‘1’, an interrupt will be asserted to the processor whenever a Bus Error
condition occurs.
Bit 6 = Reserved.
To be left at 0 level (reset status).
Bit 5 = Reserved.
To be left at 0 level (reset status).
Bit 4 = REIE: Receive Error Interrupt Enable.
When this bit is set to ‘1’ and the Receiver Overflow error condition occurs, a Receive Error
Interrupt will be asserted to the processor.
Bits 3:2 = RIE[1:0]: BSPI Receive Interrupt Enables.
The RIE1:0 bits are interrupt enables which configure when the processor will be interrupted
on received data. The following configurations are possible.
Bit 1 = MSTR: Master/Slave Select.
1: BSPI is configured as a master
0: BSPI is configured as a slave
Bit 0 = BSPE: BSPI System Enable.
1: BSPI system is enabled
0: BSPI system is disabled
Note
The peripheral should be enabled before selecting the interrupts. In this way the
application software can avoid unexpected behaviours of interrupt request signal.
RIE1
RIE0
Interrupted on
00
Disabled
0
1
Receive FIFO Not Empty
10
Reserved
1
1
Receive FIFO Full
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com