Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 197 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 197 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 193Page - STMicroelectronics STR720 Datasheet HTML 194Page - STMicroelectronics STR720 Datasheet HTML 195Page - STMicroelectronics STR720 Datasheet HTML 196Page - STMicroelectronics STR720 Datasheet HTML 197Page - STMicroelectronics STR720 Datasheet HTML 198Page - STMicroelectronics STR720 Datasheet HTML 199Page - STMicroelectronics STR720 Datasheet HTML 200Page - STMicroelectronics STR720 Datasheet HTML 201Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 401 page
background image
STR720 - BUFFERED SPI (BSPI)
197/401
of FIFO locations enabled by TFE[3:0]. The flag is set immediately after the data write is
complete.
Bit 7 = TUFL: Transmit Underflow.
This status bit gets set only when BSPI is configured in master mode, when the TFE bit is set
and, by the time the Transmit Data Register contents are to be transferred to the shift register
for the next transmission, the processor has not yet put the data for transmission into the
Transmit Data Register.
TUFL is set on the first edge of the clock when CPHA = 1 and when CPHA = 0 on the
assertion of SS. If TIE[1:0] bits are set to “10” then, when TUFL gets set, an interrupt will be
asserted to the processor.
Note
From an application point of view, it is important to be aware that the first word
available after an underflow event has occurred should be ignored, as this data was
loaded into the shift register before the underflow condition was flagged.
Bit 6 = TFE: Transmit FIFO Empty.
This bit gets set whenever the Transmit FIFO has transferred its last data word to the transmit
buffer. If interrupts are enabled then an interrupt will be asserted whenever the last word has
been transferred to the transmit buffer.
Bit 5 = ROFL: Receiver Overflow.
This bit gets set if the Receive FIFO is full and has not been read by the processor by the time
another received word arrives. If the REIE bit is set then, when this bit gets set an interrupt will
be asserted to the processor. This bit is cleared when a read takes place of the CSR register
and the FIFO.
Bit 4 = RFF: Receive FIFO Full.
This status bit indicates that the number of FIFO locations, as defined by the RFE[3:0] bits,
are all full, i.e. if the FIFO is 4 deep then all data has been received to all four locations.
If the RIE[1:0] bits are configured as ‘11’ then, when this status bit gets set, an interrupt will be
asserted to the processor. This bit is cleared when at least one data word has been read.
Bit 3 = RFNE: Receive FIFO Not Empty.
This status bit indicates that there is data in the Receive FIFO. It is set whenever there is at
least one block of data in the FIFO i.e. for 8-bit mode 8 bits and for 16-bit mode 16 bits. If the
RIE[1:0] bits are configured to ‘01’ then whenever this bit gets set an interrupt will be asserted
to the processor. This bit is cleared when all valid data has been read out of the FIFO.
Bit 2 = BERR: Bus Error.
This status bit indicates that a Bus Error condition has occurred, i.e. that more than one
device has acted as a Master simultaneously on the BSPI bus. A Bus Error condition is
defined as a condition where the Slave Select line goes active low when the module is
configured as a Master, provided that MASK_SS bit in BSPCSR3 register is not set. This
indicates contention in that more than one node on the BSPI bus is attempting to function as
a Master. This bit is cleared when the Slave Select line is deasserted, MASK_SS bit is set or
Slave mode is selected.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com