Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 215 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 215 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 211Page - STMicroelectronics STR720 Datasheet HTML 212Page - STMicroelectronics STR720 Datasheet HTML 213Page - STMicroelectronics STR720 Datasheet HTML 214Page - STMicroelectronics STR720 Datasheet HTML 215Page - STMicroelectronics STR720 Datasheet HTML 216Page - STMicroelectronics STR720 Datasheet HTML 217Page - STMicroelectronics STR720 Datasheet HTML 218Page - STMicroelectronics STR720 Datasheet HTML 219Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
215/401
Status Interrupts
A Status Interrupt is generated by bits BOff and EWarn (Error Interrupt) or by RxOk, TxOk,
and LEC (Status Change Interrupt) assuming that the corresponding enable bits in the CAN
Control Register are set. A change of bit EPass or a write to RxOk, TxOk, or LEC will never
generate a Status Interrupt.
Reading the Status Register will clear the Status Interrupt value (8000h) in the Interrupt
Register, if it is pending.
Error Counter (CAN_ERR)
Address Offset: 08h
Reset value: 0000h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RP
REC[6:0]
TEC[7:0]
rr
r
Bit 15
RP: Receive Error Passive
0: The Receive Error Counter is below the error passive level.
1: The Receive Error Counter has reached the error passive level as
defined in the CAN Specification.
Bits 14:8
REC[6:0]: Receive Error Counter
Actual state of the Receive Error Counter. Values between 0 and 127.
Bits 7:0
TEC[7:0]: Transmit Error Counter
Actual state of the Transmit Error Counter. Values between 0 and 255.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com