Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 213 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 213 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 209Page - STMicroelectronics STR720 Datasheet HTML 210Page - STMicroelectronics STR720 Datasheet HTML 211Page - STMicroelectronics STR720 Datasheet HTML 212Page - STMicroelectronics STR720 Datasheet HTML 213Page - STMicroelectronics STR720 Datasheet HTML 214Page - STMicroelectronics STR720 Datasheet HTML 215Page - STMicroelectronics STR720 Datasheet HTML 216Page - STMicroelectronics STR720 Datasheet HTML 217Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
213/401
Status Register (CAN_SR)
Address Offset: 04h
Reset value: 0000h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
LEC
rr
r
rw
rw
rw
Bit 15:8
Reserved
These are reserved bits. These bits are always read as ‘0’ and must always
be written with ‘0’.
Bit 7
BOff: Busoff Status
0: The CAN module is not in busoff state.
1: The CAN module is in busoff state.
Bit 6
EWarn: Warning Status
0: Both error counters are below the error warning limit of 96.
1: At least one of the error counters in the EML has reached the error
warning limit of 96.
Bit 5
EPass: Error Passive
0: The CAN Core is error active.
1: The CAN Core is in the error passive state as defined in the CAN
Specification.
Bit 4
RxOk: Received a Message Successfully
0: No message has been successfully received since this bit was last reset
by the CPU. This bit is never reset by the CAN Core.
1: A message has been successfully received since this bit was last reset
by the CPU (independent of the result of acceptance filtering).
Bit 3
TxOk: Transmitted a Message Successfully
0: Since this bit was reset by the CPU, no message has been successfully
transmitted. This bit is never reset by the CAN Core.
1: Since this bit was last reset by the CPU, a message has been
successfully (error free and acknowledged by at least one other node)
transmitted.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com