Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 209 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 209 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 205Page - STMicroelectronics STR720 Datasheet HTML 206Page - STMicroelectronics STR720 Datasheet HTML 207Page - STMicroelectronics STR720 Datasheet HTML 208Page - STMicroelectronics STR720 Datasheet HTML 209Page - STMicroelectronics STR720 Datasheet HTML 210Page - STMicroelectronics STR720 Datasheet HTML 211Page - STMicroelectronics STR720 Datasheet HTML 212Page - STMicroelectronics STR720 Datasheet HTML 213Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
209/401
18.5 Register Description
The CAN Peripheral allocates an address space of 256 bytes. The registers are organized as
16-bit registers.
The two sets of interface registers (IF1 and IF2) control the CPU access to the Message RAM.
They buffer the data to be transferred to and from the RAM, avoiding conflicts between CPU
accesses and message reception/transmission.
In this section, the following abbreviations are used:
The CAN registers are listed in Table 48.
read/write (rw)
The software can read and write to these bits.
read-only (r)
The software can only read these bits.
write-only (w)
The software should only write to these bits.
Table 48. CAN Registers
Register Name
Address Offset
Reset Value
CAN Control Register (CAN_CR)
00h
0001h
Status Register (CAN_SR)
04h
0000h
Error Counter (CAN_ERR)
08h
0000h
Bit Timing Register (CAN_BTR)
0Ch
2301h
Test Register (CAN_TESTR)
14h
0000 0000 R000
0000 b
BRP Extension Register (CAN_BRPR)
18h
0000h
IFn Command Request Registers (CAN_IFn_CRR)
20h (CAN_IF1_CRR),
80h (CAN_IF2_CRR)
IFn Command Mask Registers (CAN_IFn_CMR)
24h (CAN_IF1_CMR),
84h (CAN_IF2_CMR)
0000h
IFn Mask 1 Register (CAN_IFn_M1R)
28h (CAN_IF1_M1R),
88h (CAN_IF2_M1R)
FFFFh
IFn Mask 2 Register (CAN_IFn_M2R)
2Ch (CAN_IF1_M2R),
8Ch (CAN_IF2_M2R)
FFFFh
IFn Message Arbitration 1 Register (CAN_IFn_A1R)
30h (CAN_IF1_A1R), 90h
(CAN_IF2_A1R)
0000h
IFn Message Arbitration 2 Register (CAN_IFn_A2R)
34h (CAN_IF1_A2R), 94h
(CAN_IF2_A2R)
0000h
IFn Message Control Registers (CAN_IFn_MCR)
38h (CAN_IF1_MCR),
98h (CAN_IF2_MCR)
0000h
IFn Data A/B Registers (CAN_IFn_DAnR and CAN_IFn_DBnR)
Interrupt Identifier Register (CAN_IDR)
10h
0000h
Transmission Request Registers 1 & 2 (CAN_TxRnR)
100h (CAN_TxR1R),
104h (CAN_TxR2R)
0000 0000h
New Data Registers 1 & 2 (CAN_NDnR)
120h (CAN_ND1R), 124h
(CAN_ND2R)
0000 0000h
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com