Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 206 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 206 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 202Page - STMicroelectronics STR720 Datasheet HTML 203Page - STMicroelectronics STR720 Datasheet HTML 204Page - STMicroelectronics STR720 Datasheet HTML 205Page - STMicroelectronics STR720 Datasheet HTML 206Page - STMicroelectronics STR720 Datasheet HTML 207Page - STMicroelectronics STR720 Datasheet HTML 208Page - STMicroelectronics STR720 Datasheet HTML 209Page - STMicroelectronics STR720 Datasheet HTML 210Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
206/401
18.4.5
Silent Mode
The CAN Core can be set in Silent Mode by programming the Silent bit in the Test Register to
one.
In Silent Mode, the CAN Peripheral is able to receive valid data frames and valid remote
frames, but it sends only recessive bits on the CAN bus and it cannot start a transmission. If
the CAN Core is required to send a dominant bit (ACK bit, Error Frames), the bit is rerouted
internally so that the CAN Core monitors this dominant bit, although the CAN bus may remain
in recessive state. The Silent Mode can be used to analyse the traffic on a CAN bus without
affecting it by the transmission of dominant bits. Figure 30 shows the connection of signals
CAN_TX and CAN_RX to the CAN Core in Silent Mode.
In ISO 11898-1, Silent Mode is called Bus Monitoring Mode.
18.4.6
Loop Back Mode
The CAN Core can be set in Loop Back Mode by programming the Test Register bit LBack to
one. In Loop Back Mode, the CAN Core treats its own transmitted messages as received
messages and stores them in a Receive Buffer (if they pass acceptance filtering). Figure 31
shows the connection of signals, CAN_TX and CAN_RX, to the CAN Core in Loop Back
Mode.
Figure 30. CAN Core in Silent Mode
CAN_TX
CAN_RX
Tx
Rx
CAN Core
CAN Peripheral
=1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com