Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 205 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 205 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 201Page - STMicroelectronics STR720 Datasheet HTML 202Page - STMicroelectronics STR720 Datasheet HTML 203Page - STMicroelectronics STR720 Datasheet HTML 204Page - STMicroelectronics STR720 Datasheet HTML 205Page - STMicroelectronics STR720 Datasheet HTML 206Page - STMicroelectronics STR720 Datasheet HTML 207Page - STMicroelectronics STR720 Datasheet HTML 208Page - STMicroelectronics STR720 Datasheet HTML 209Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
205/401
transmission. If several transmit messages are assigned to the same Message Object (when
the number of Message Objects is not sufficient), the whole Message Object has to be
configured before the transmission of this message is requested.
The transmission of any number of Message Objects may be requested at the same time.
Message objects are transmitted subsequently according to their internal priority. Messages
may be updated or set to not valid any time, even when their requested transmission is still
pending. The old data will be discarded when a message is updated before its pending
transmission has started.
Depending on the configuration of the Message Object, the transmission of a message may
be requested autonomously by the reception of a remote frame with a matching identifier.
18.4.3
Disabled Automatic Re-Transmission Mode
In accordance with the CAN Specification (see ISO11898, 6.3.3 Recovery Management), the
CAN Peripheral provides means for automatic re-transmission of frames that have lost
arbitration or have been disturbed by errors during transmission. The frame transmission
service will not be confirmed to the user before the transmission is successfully completed.
This means that, by default, automatic retransmission is enabled. It can be disabled to enable
the CAN Peripheral to work within a Time Triggered CAN (TTCAN, see ISO11898-1)
environment.
Disabled Automatic Retransmission mode is enabled by setting the Disable Automatic
Retransmission (DAR) bit in the CAN Control Register. In this operation mode, the
programmer has to consider the different behaviour of bits TxRqst and NewDat in the Control
Registers of the Message Buffers:
When a transmission starts, bit TxRqst of the respective Message Buffer is cleared, while
bit NewDat remains set.
When the transmission completed successfully, bit NewDat is cleared.
When a transmission fails (lost arbitration or error), bit NewDat remains set.
To restart the transmission, the CPU should set the bit TxRqst again.
18.4.4
Test Mode
Test Mode is entered by setting the Test bit in the CAN Control Register. In Test Mode, bits
Tx1, Tx0, LBack, Silent and Basic in the Test Register are writeable. Bit Rx monitors the state
of the CAN_RX pin and therefore is only readable. All Test Register functions are disabled
when the Test bit is cleared.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com