Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 207 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 207 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 203Page - STMicroelectronics STR720 Datasheet HTML 204Page - STMicroelectronics STR720 Datasheet HTML 205Page - STMicroelectronics STR720 Datasheet HTML 206Page - STMicroelectronics STR720 Datasheet HTML 207Page - STMicroelectronics STR720 Datasheet HTML 208Page - STMicroelectronics STR720 Datasheet HTML 209Page - STMicroelectronics STR720 Datasheet HTML 210Page - STMicroelectronics STR720 Datasheet HTML 211Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
207/401
This mode is provided for self-test functions. To be independent from external stimulation, the
CAN Core ignores acknowledge errors (recessive bit sampled in the acknowledge slot of a data/
remote frame) in Loop Back Mode. In this mode, the CAN Core performs an internal feedback
from its Tx output to its Rx input. The actual value of the CAN_RX input pin is disregarded by
the CAN Core. The transmitted messages can be monitored on the CAN_TX pin.
18.4.7
Loop Back Combined with Silent Mode
It is also possible to combine Loop Back Mode and Silent Mode by programming bits LBack
and Silent to one at the same time. This mode can be used for a “Hot Selftest”, which means
that CAN Peripheral can be tested without affecting a running CAN system connected to the
CAN_TX and CAN_RX pins. In this mode, the CAN_RX pin is disconnected from the CAN
Core and the CAN_TX pin is held recessive. Figure 32 shows the connection of signals
CAN_TX and CAN_RX to the CAN Core in case of the combination of Loop Back Mode with
Silent Mode.
Figure 31. CAN Core in Loop Back Mode
Figure 32. CAN Core in Loop Back Mode Combined with Silent Mode
CAN_TX CAN_RX
Tx
Rx
CAN Core
CAN Peripheral
CAN_TX
CAN_RX
Tx
Rx
CAN Core
=1
CAN Peripheral
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com