Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 202 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 202 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 198Page - STMicroelectronics STR720 Datasheet HTML 199Page - STMicroelectronics STR720 Datasheet HTML 200Page - STMicroelectronics STR720 Datasheet HTML 201Page - STMicroelectronics STR720 Datasheet HTML 202Page - STMicroelectronics STR720 Datasheet HTML 203Page - STMicroelectronics STR720 Datasheet HTML 204Page - STMicroelectronics STR720 Datasheet HTML 205Page - STMicroelectronics STR720 Datasheet HTML 206Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
202/401
18 CONTROLLER AREA NETWORK (CAN)
18.1 Introduction
The CAN Peripheral consists of the CAN Core, Message RAM, Message Handler, Control
Registers and Module Interface (Refer to Figure 29).
The CAN Core performs communication according to the CAN protocol version 2.0 part A and
B. The bit rate can be programmed to values up to 1MBit/s. For the connection to the physical
layer, additional transceiver hardware is required.
For communication on a CAN network, individual Message Objects are configured. The
Message Objects and Identifier Masks for acceptance filtering of received messages are
stored in the Message RAM.
All functions concerning the handling of messages are implemented in the Message Handler.
These functions include acceptance filtering, the transfer of messages between the CAN Core
and the Message RAM, and the handling of transmission requests as well as the generation
of the module interrupt.
The register set of the CAN Peripheral can be accessed directly by the CPU through the
module interface. These registers are used to control/configure the CAN Core and the
Message Handler and to access the Message RAM.
18.2 Main Features
Supports CAN protocol version 2.0 part A and B.
Bit rates up to 1 MBit/s.
32 Message Objects.
Each Message Object has its own identifier mask.
Programmable FIFO mode (concatenation of Message Objects).
Maskable interrupt.
Disabled Automatic Re-transmission mode for Time Triggered CAN applications.
Programmable loop-back mode for self-test operation.
8-bit non-multiplex Motorola HC08 compatible module interface.
Two 16-bit module interfaces to the AMBA APB bus.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com