Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 269 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 269 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 265Page - STMicroelectronics STR720 Datasheet HTML 266Page - STMicroelectronics STR720 Datasheet HTML 267Page - STMicroelectronics STR720 Datasheet HTML 268Page - STMicroelectronics STR720 Datasheet HTML 269Page - STMicroelectronics STR720 Datasheet HTML 270Page - STMicroelectronics STR720 Datasheet HTML 271Page - STMicroelectronics STR720 Datasheet HTML 272Page - STMicroelectronics STR720 Datasheet HTML 273Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
269/401
boundary (the lowest three bits of USB_BTABLE register are always “000”). Buffer descriptor
table entries are described in the Section “Buffer Descriptor Table”. If an endpoint is
unidirectional and it is neither an Isochronous nor a double-buffered bulk, only one packet
buffer is required (the one related to the supported transfer direction). Other table locations
related to unsupported transfer directions or unused endpoints, are available to the user.
isochronous and double-buffered bulk endpoints have special handling of packet buffers
(Refer to “Isochronous Transfers” and “Double-Buffered Endpoints” respectively). The
relationship between buffer description table entries and packet buffer areas is depicted in
Figure 41.
Figure 41. Packet Buffer Areas and Buffer Description Table Locations
ADDR0_TX
COUNT0_TX
0000_0000 (00)
ADDR0_RX
COUNT0_RX
ADDR1_TX
COUNT1_TX
ADDR1_RX
COUNT1_RX
ADDR2_TX
COUNT2_TX
ADDR2_RX
COUNT2_RX
ADDR3_TX
COUNT3_TX
0000_0010 (02)
0000_0100 (04)
0000_0110 (06)
0000_1000 (08)
0000_1010 (0A)
0000_1100 (0C)
0000_1110 (0E)
0001_0000 (10)
0001_0010 (12)
0001_0100 (14)
0001_0110 (16)
0001_1000 (18)
0001_1010 (1A)
Buffer description table locations
Transmission
buffer for
Endpoint 0
Reception buffer
for
Endpoint 0
Transmission
buffer for
Endpoint 1
Packet buffers
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com