Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 271 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 271 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 267Page - STMicroelectronics STR720 Datasheet HTML 268Page - STMicroelectronics STR720 Datasheet HTML 269Page - STMicroelectronics STR720 Datasheet HTML 270Page - STMicroelectronics STR720 Datasheet HTML 271Page - STMicroelectronics STR720 Datasheet HTML 272Page - STMicroelectronics STR720 Datasheet HTML 273Page - STMicroelectronics STR720 Datasheet HTML 274Page - STMicroelectronics STR720 Datasheet HTML 275Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
271/401
requesting microcontroller attention by examining the EP_ID and DIR bits in the USB_ISTR
register. Servicing of the CTR_TX event starts clearing the interrupt bit; the application
software then prepares another buffer full of data to be sent, updates the COUNTn_TX table
location with the number of byte to be transmitted during the next transfer, and finally sets
STAT_TX to ‘11’ (VALID) to re-enable transmissions. While the STAT_TX bits are equal to ‘10’
(NAK), any IN request addressed to that endpoint is NAKed, indicating a flow control
condition: the USB host will retry the transaction until it succeeds. It is mandatory to execute
the sequence of operations in the above mentioned order to avoid losing the notification of a
second IN transaction addressed to the same endpoint immediately following the one which
triggered the CTR interrupt.
19.5.2.5 OUT and SETUP Packets (Data Reception)
These two tokens are handled by the USB Peripheral more or less in the same way; the
differences in the handling of SETUP packets are detailed in the following paragraph about
control transfers. When receiving an OUT/SETUP PID, if the address matches a valid
endpoint, the USB Peripheral accesses the contents of the ADDRn_RX and COUNTn_RX
locations inside the buffer descriptor table entry related to the addressed endpoint. The
content of the ADDRn_RX is stored directly in its internal register ADDR. While COUNT is
now reset and the values of BL_SIZE and NUM_BLOCK bit fields, which are read within
COUNTn_RX content are used to initialize BUF_COUNT, an internal 16 bit counter, which is
used to check the buffer overrun condition (all these internal registers are not accessible by
software). Data bytes subsequently received by the USB Peripheral are packed in words (the
first byte received is stored as least significant byte) and then transferred to the packet buffer
starting from the address contained in the internal ADDR register while BUF_COUNT is
decremented and COUNT is incremented at each byte transfer. When the end of DATA packet
is detected, the correctness of the received CRC is tested and only if no errors occurred
during the reception, an ACK handshake packet is sent back to the transmitting host. In case
of wrong CRC or other kinds of errors (bit-stuff violations, frame errors, etc.), data bytes are
anyways copied in the packet memory buffer, at least until the error detection point, but ACK
packet is not sent and the ERR bit in USB_ISTR register is set. However, there is usually no
software action required in this case: the USB Peripheral recovers from reception errors and
remains ready for the next transaction to come. If the addressed endpoint is not valid, a NAK
or STALL handshake packet is sent instead of the ACK, according to bits STAT_RX in the
USB_EPnR register and no data is written in the reception memory buffers.
Reception memory buffer locations are written starting from the address contained in the
ADDRn_RX for a number of bytes corresponding to the received data packet length, CRC
included (i.e. data payload length + 2), or up to the last allocated memory location, as defined
by BL_SIZE and NUM_BLOCK, whichever comes first. In this way, the USB Peripheral never
writes beyond the end of the allocated reception memory buffer area. If the length of the data
packet payload (actual number of bytes used by the application) is greater than the allocated
buffer, the USB Peripheral detects a buffer overrun condition. in this case, a STALL
handshake is sent instead of the usual ACK to notify the problem to the host, no interrupt is
generated and the transaction is considered failed.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com