Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 279 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 279 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 275Page - STMicroelectronics STR720 Datasheet HTML 276Page - STMicroelectronics STR720 Datasheet HTML 277Page - STMicroelectronics STR720 Datasheet HTML 278Page - STMicroelectronics STR720 Datasheet HTML 279Page - STMicroelectronics STR720 Datasheet HTML 280Page - STMicroelectronics STR720 Datasheet HTML 281Page - STMicroelectronics STR720 Datasheet HTML 282Page - STMicroelectronics STR720 Datasheet HTML 283Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
279/401
19.6 Register Description
The USB Peripheral registers can be divided into the following groups:
Common Registers: Interrupt and Control registers
Endpoint Registers: Endpoint configuration and status
Buffer Descriptor Table: Location of packet memory used to locate data buffers
All register addresses are expressed as offsets with respect to the USB Peripheral registers
base address 0xC000 8000, except the buffer descriptor table locations, which starts at the
address specified by the USB_BTABLE register. Due to the common limitation of APB bridges
on word addressability, all register addresses are aligned to 32-bit word boundaries although
they are 16-bit wide. The same address alignment is used to access packet buffer memory
locations, which are located starting from 0xC000 8800. In this section, the following
abbreviations are used:
read/write (rw)
The software can read and write to these bits.
read-only (r)
The software can only read these bits.
write-only (w)
The software can only write to these bits.
Read-clear (rc)
The software can only read or clear this bit.
Toggle (t)
The software can only toggle this bit by writing ‘1’. Writing ‘0’
has no effect.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com