Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 280 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 280 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 276Page - STMicroelectronics STR720 Datasheet HTML 277Page - STMicroelectronics STR720 Datasheet HTML 278Page - STMicroelectronics STR720 Datasheet HTML 279Page - STMicroelectronics STR720 Datasheet HTML 280Page - STMicroelectronics STR720 Datasheet HTML 281Page - STMicroelectronics STR720 Datasheet HTML 282Page - STMicroelectronics STR720 Datasheet HTML 283Page - STMicroelectronics STR720 Datasheet HTML 284Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
280/401
19.6.1
Common Registers
These registers affect the general behaviour of the USB Peripheral defining operating mode,
interrupt handling, device address and giving access to the current frame number updated by
the host PC.
USB Control Register (USB_CNTR)
Address Offset: 40h
Reset Value: 0000 0000 0000 0011 (0003h)
15
14
13
12
11
10
98
76
54
32
10
Reserved
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bit 15
CTRM: Correct Transfer Interrupt Mask
0: Correct Transfer (CTR) Interrupt disabled.
1: CTR Interrupt enabled, an interrupt request is generated when the
corresponding bit in the USB_ISTR register is set.
Bit 14
DOVRM: DMA over / underrun Interrupt Mask
0: DOVR Interrupt disabled.
1: DOVR Interrupt enabled, an interrupt request is generated when the
corresponding bit in the USB_ISTR register is set.
Bit 13
ERRM: Error Interrupt Mask
0: ERR Interrupt disabled.
1: ERR Interrupt enabled, an interrupt request is generated when the
corresponding bit in the USB_ISTR register is set.
Bit 12
WKUPM: Wake-up Interrupt Mask
0: WKUP Interrupt disabled.
1: WKUP Interrupt enabled, an interrupt request is generated when the
corresponding bit in the USB_ISTR register is set.
Bit 11
SUSPM: Suspend mode Interrupt Mask
0: Suspend Mode Request (SUSP) Interrupt disabled.
1: SUSP Interrupt enabled, an interrupt request is generated when the
corresponding bit in the USB_ISTR register is set.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com