Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 284 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 284 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 280Page - STMicroelectronics STR720 Datasheet HTML 281Page - STMicroelectronics STR720 Datasheet HTML 282Page - STMicroelectronics STR720 Datasheet HTML 283Page - STMicroelectronics STR720 Datasheet HTML 284Page - STMicroelectronics STR720 Datasheet HTML 285Page - STMicroelectronics STR720 Datasheet HTML 286Page - STMicroelectronics STR720 Datasheet HTML 287Page - STMicroelectronics STR720 Datasheet HTML 288Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
284/401
Only the bits related to events, which are serviced, are cleared. At the end of the service
routine, another interrupt will be requested, to service the remaining conditions.
To avoid spurious clearing of some bits, it is recommended to clear them with a load
instruction where all bits which must not be altered are written with 1, and all bits to be cleared
are written with ‘0’ (these bits can only be cleared by software). Read-modify-write cycles
should be avoided because between the read and the write operations another bit could be
set by the hardware and the next write will clear it before the microprocessor has the time to
serve the event.
The following describes each bit in detail:
Bit 15
CTR: Correct Transfer
This bit is set by the hardware to indicate that an endpoint has successfully
completed a transaction; using DIR and EP_ID bits software can determine
which endpoint requested the interrupt. This bit is read-only.
Bit 14
DOVR: DMA over / underrun
This bit is set if the microcontroller has not been able to respond in time to an
USB memory request. The USB Peripheral handles this event in the following
way: During reception an ACK handshake packet is not sent, during
transmission a bit-stuff error is forced on the transmitted stream; in both cases
the host will retry the transaction. The DOVR interrupt should never occur
during normal operations. Since the failed transaction is retried by the host, the
application software has the chance to speed-up device operations during this
interrupt handling, to be ready for the next transaction retry; however this does
not happen during Isochronous transfers (no isochronous transaction is anyway
retried) leading to a loss of data in this case. This bit is read/write but only ‘0’
can be written and writing ‘1’ has no effect.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com