Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 305 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 305 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 301Page - STMicroelectronics STR720 Datasheet HTML 302Page - STMicroelectronics STR720 Datasheet HTML 303Page - STMicroelectronics STR720 Datasheet HTML 304Page - STMicroelectronics STR720 Datasheet HTML 305Page - STMicroelectronics STR720 Datasheet HTML 306Page - STMicroelectronics STR720 Datasheet HTML 307Page - STMicroelectronics STR720 Datasheet HTML 308Page - STMicroelectronics STR720 Datasheet HTML 309Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 401 page
background image
STR720 - WATCHDOG TIMER (WDG)
305/401
20.4 Register description
The Watchdog Timer registers can not be accessed by byte.
The reserved bits can not be written and they are always read at ‘0’.
WDT Control Register (WDTCR)
Address Offset: 00h
Reset value: 0000h
Bit 15:3 = Reserved.
Bit 2 = EE: EXT_CK Enable bit.
1: EXT_CK signal, (CLK_AF/8 is used as counting clock, its period must be at least 4 times
the APB_CLK period.
0: APB_CLK is used as counting clock.
This bit can be written as long as Watchdog mode is not entered (WE bit = 0). Once WE bit is
set to ‘1’, the value of EE cannot be changed anymore.
Bit 1 = SC: Start Counting bit.
1: the Prescaler loads the Prescaler pre-load value (WDTPR), the Counter loads the Timer
pre-load value (WDTVR) and starts counting
0: the Counter is stopped. To restart it, SC setting will generate a re-loading of the Prescaler
pre-load value and Timer pre-load value. These functionalities are permitted only in Timer
Mode (WE bit = 0).
Bit 0 = WE: Watchdog Enable bit.
1: Watchdog Mode is enabled
0: Timer Mode is enabled
This bit can’t be reset by software.
If the external WDGEN signal is high the WE bit is written to ‘1’ by hardware as soon the reset
has elapsed else can write to ‘1’ by software but cannot be cleared.
When WE bit is high, SC bit has no effect.
15
14
13
12
11
10
9
8
765432
1
0
reserved
EE
SC
WE
-rw
rw
rw
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com