Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 309 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 309 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 305Page - STMicroelectronics STR720 Datasheet HTML 306Page - STMicroelectronics STR720 Datasheet HTML 307Page - STMicroelectronics STR720 Datasheet HTML 308Page - STMicroelectronics STR720 Datasheet HTML 309Page - STMicroelectronics STR720 Datasheet HTML 310Page - STMicroelectronics STR720 Datasheet HTML 311Page - STMicroelectronics STR720 Datasheet HTML 312Page - STMicroelectronics STR720 Datasheet HTML 313Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 401 page
background image
STR720 - EXTENDED FUNCTION TIMER (EFT)
309/401
21 EXTENDED FUNCTION TIMER (EFT)
21.1 Introduction
The timer consists of a 16-bit counter driven by a programmable prescaler.
It may be used for a variety of purposes, including pulse length measurement of up to two
input signals (input capture) or generation of up to two output waveforms (output compare and
PWM).
Pulse lengths and waveform periods can be modulated from a very wide range using the timer
prescaler.
Note
The two EFT instances available in STR720 device do not implement all the features
described in this chapter. Please refer to Section 5.16: Extended Function Timer
(EFT) on page 43.
21.2 Main Features
Programmable prescaler: fAPB divided from 1 to 256, Prescaler register (0 to 255) value +1.
Overflow status flag and maskable interrupts
External clock input (must be at least 4 times slower than the CPU clock speed) with the
choice of active edge
Output compare functions with
– 2 dedicated 16-bit registers
– 2 dedicated programmable signals
– 2 dedicated status flags
– 2 dedicated interrupt flags.
Input capture functions with
– 2 dedicated 16-bit registers
– 2 dedicated active edge selection signals
– 2 dedicated status flags
– 2 dedicated interrupt flags.
Pulse width modulation mode (PWM)
One pulse mode (OPM)
PWM input mode
Timer global interrupt (5 internally ORed or separated sources, depending on device)
– ICIA: Timer Input capture A interrupt
– ICIB: Timer Input capture B interrupt
– OCIA: Timer Output compare A interrupt
– OCIB: Timer Output compare B interrupt
– TOI: Timer Overflow interrupt.
The Block Diagram is shown in Figure 43.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com