Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 310 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 310 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 306Page - STMicroelectronics STR720 Datasheet HTML 307Page - STMicroelectronics STR720 Datasheet HTML 308Page - STMicroelectronics STR720 Datasheet HTML 309Page - STMicroelectronics STR720 Datasheet HTML 310Page - STMicroelectronics STR720 Datasheet HTML 311Page - STMicroelectronics STR720 Datasheet HTML 312Page - STMicroelectronics STR720 Datasheet HTML 313Page - STMicroelectronics STR720 Datasheet HTML 314Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 401 page
background image
STR720 - EXTENDED FUNCTION TIMER (EFT)
310/401
21.3 Functional Description
21.3.1
Counter
The principal block of the Programmable Timer is a 16-bit counter and its associated 16-bit
registers.
Writing in the Counter Register (CNTR) resets the counter to the FFFCh value.
The timer clock source can be either internal or external selecting ECKEN bit of CR1 register.
When ECKEN = 0, the frequency depends on the prescaler division bits (CC7-CC0) of the
CR2 register.
An overflow occurs when the counter rolls over from FFFFh to 0000h then the TOF bit of the
SR register is set. An interrupt is generated if TOIE bit of the CR2 register is set; if this
condition is false, the interrupt remains pending to be issued as soon as it becomes true.
Clearing the overflow interrupt request is done by a write access to the SR register while the
TOF bit is set with the data bus 13-bit at ‘0’, while all the other bits shall be written to ‘1’ (the
SR register is clear only, so writing a ‘1’ in a bit has no effect: this makes possible to clear a
pending bit without risking to clear a new coming interrupt request from another source).
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com