Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 317 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 317 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 313Page - STMicroelectronics STR720 Datasheet HTML 314Page - STMicroelectronics STR720 Datasheet HTML 315Page - STMicroelectronics STR720 Datasheet HTML 316Page - STMicroelectronics STR720 Datasheet HTML 317Page - STMicroelectronics STR720 Datasheet HTML 318Page - STMicroelectronics STR720 Datasheet HTML 319Page - STMicroelectronics STR720 Datasheet HTML 320Page - STMicroelectronics STR720 Datasheet HTML 321Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 401 page
background image
STR720 - EXTENDED FUNCTION TIMER (EFT)
317/401
Figure 49. Output Compare Block Diagram
Figure 50. Output Compare Timing Diagram, APB_CLK Divided by 2
OUTPUT COMPARE
16-bit
CIRCUIT
OCAR
16 BIT
COUNTER
OCBE
ECKEN
OCAE
OLVLA
(Control Register 1)
CR1 high byte
(Control Register 1)
CR1 low byte
OCFB
OCFA
(Control Register 2)
CR2 high byte
16-bit
16-bit
OCMPA
OCMPB
Latch
A
Latch
B
OCBR
CC7-CC0
from CR2
OLVLB
APB_CLK
TIMER STROBE
COUNTER
OUTPUT COMPARE REGISTER
COMPARE REGISTER SIGNAL
OCFi AND OCMPi PIN (OLVLi=1)
CPU writes FFFF
FFFF
FFFD
FFFD
FFFE
FFFF
0000
FFFC
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com