Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 320 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 320 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 316Page - STMicroelectronics STR720 Datasheet HTML 317Page - STMicroelectronics STR720 Datasheet HTML 318Page - STMicroelectronics STR720 Datasheet HTML 319Page - STMicroelectronics STR720 Datasheet HTML 320Page - STMicroelectronics STR720 Datasheet HTML 321Page - STMicroelectronics STR720 Datasheet HTML 322Page - STMicroelectronics STR720 Datasheet HTML 323Page - STMicroelectronics STR720 Datasheet HTML 324Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 401 page
background image
STR720 - EXTENDED FUNCTION TIMER (EFT)
320/401
21.3.7
Pulse Width Modulation Mode
Pulse Width Modulation mode enables the generation of a signal with a frequency and pulse
length determined by the value of the OCAR and OCBR registers.
The pulse width modulation mode uses the complete Output Compare A function plus the
OCBR register.
21.3.7.1 Procedure
To use pulse width modulation mode select the following in the CR1 register:
– Using the OLVLA bit, select the level to be applied to the OCMPA pin after a successful com-
parison with OCAR register.
– Using the OLVLB bit, select the level to be applied to the OCMPA pin after a successful com-
parison with OCBR register.
– Set OCAE bit: the OCMPA pin is then dedicated to the output compare A function.
– Set the PWM bit.
– Select the timer clock (ECKGEN) and the prescaler division factor (CC7-CC0).
Load the OCBR register with the value corresponding to the period of the signal.
Load the OCAR register with the value corresponding to the length of the pulse if (OLVLA=0
and OLVLB=1).
Figure 52. One Pulse Mode Timing
COUNTER
....
FFFC FFFD FFFE
2ED0
2ED1 2ED2
2ED3
FFFC FFFD
OLVLB
OLVLB
OLVLA
ICAPA
OCMPA
compare A
Note: IEDGA=1, OCAR=2ED0h, OLVLA=0, OLVLB=1
COUNTER
....
FFFC FFFD FFFE
2ED0
2ED1 2ED2
2ED3
FFFC FFFD
OLVLB
OLVLB
OLVLA
ICAPA
OCMPA
compare A
Note: IEDGA=1, OCAR=2ED0h, OLVLA=0, OLVLB=1
0010
FFFC
4 clock period
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com