Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 324 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 324 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 320Page - STMicroelectronics STR720 Datasheet HTML 321Page - STMicroelectronics STR720 Datasheet HTML 322Page - STMicroelectronics STR720 Datasheet HTML 323Page - STMicroelectronics STR720 Datasheet HTML 324Page - STMicroelectronics STR720 Datasheet HTML 325Page - STMicroelectronics STR720 Datasheet HTML 326Page - STMicroelectronics STR720 Datasheet HTML 327Page - STMicroelectronics STR720 Datasheet HTML 328Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 401 page
background image
STR720 - EXTENDED FUNCTION TIMER (EFT)
324/401
21.3.8
Pulse Width Modulation Input
The PWM Input functionality enables the measurement of the period and the pulse width of an
external waveform. The initial edge is programmable.
It uses the two Input Capture registers and the Input signal of the Input Capture A module.
21.3.8.1 Procedure
The CR2 register must be programmed as needed for Interrupts and DMAs. To use pulse
width modulation mode select the following in the CR1 register:
– set the PWMI bit
– Select the first edge in IEDGA
– Select the second edge IEDGB as the negated of IEDGA
– Program the clock source and prescaler as needed
– Enable the counter setting the EN bit.
To have a coherent measure the interrupt/DMA should be linked to the Input Capture A
Interrupt, reading in ICAR the period value and in ICBR the pulse width.
To obtain the time values:
Where:
fAPB
= APB clock frequency
tPRESC
= Timer clock prescaler: (CC7..CC0)+1
The Input Capture A event causes the counter to be initialized to 0000h, allowing a new
measure to start. The first Input Capture on ICAPA do not generate the corresponding
interrupt request.
Period =
ICAR * fAPB
tPRESC
Pulse =
ICBR * fAPB
tPRESC
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com