Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 328 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 328 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 324Page - STMicroelectronics STR720 Datasheet HTML 325Page - STMicroelectronics STR720 Datasheet HTML 326Page - STMicroelectronics STR720 Datasheet HTML 327Page - STMicroelectronics STR720 Datasheet HTML 328Page - STMicroelectronics STR720 Datasheet HTML 329Page - STMicroelectronics STR720 Datasheet HTML 330Page - STMicroelectronics STR720 Datasheet HTML 331Page - STMicroelectronics STR720 Datasheet HTML 332Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 401 page
background image
STR720 - EXTENDED FUNCTION TIMER (EFT)
328/401
Bit 7= OCBE: Output Compare B Enable
0: Output Compare B function is enabled, but the OCMPB pin is a general I/O.
1: Output Compare B function is enabled, the OCMPB pin is dedicated to the Output Compare
B capability of the timer.
Bit 6= OCAE: Output Compare A Enable
0: Output Compare A function is enabled, but the OCMPA pin is a general I/O.
1: Output Compare A function is enabled, the OCMPA pin is dedicated to the Output Compare
A capability of the timer.
Bit 5 = OPM: One Pulse Mode
0: One Pulse Mode is not active.
1: One Pulse Mode is active, the ICAPA pin can be used to trigger one pulse on the OCMPA
pin; the active transition is given by the IEDGA bit. The length of the generated pulse depends
on the contents of the OCAR register.
Bit 4 = PWM: Pulse Width Modulation
0: PWM mode is not active.
1: PWM mode is active, the OCMPA pin outputs a programmable cyclic signal; the length of
the pulse depends on the value of OCAR register; the period depends on the value of OCBR
register.
Bit 3 = IEDGB: Input Edge B
This bit determines which type of level transition on the ICAPB pin will trigger the capture.
0: A falling edge triggers the capture.
1: A rising edge triggers the capture.
Bit 2 = IEDGA: Input Edge A
This bit determines which type of level transition on the ICAPA pin will trigger the capture.
0: A falling edge triggers the capture.
1: A rising edge triggers the capture.
Bit 1 = EXEDG: External Clock Edge
This bit determines which type of level transition on the external clock pin (or internal signal)
EXTCLK will trigger the counter.
0: A falling edge triggers the counter.
1: A rising edge triggers the counter.
Bit 0 = ECKEN: External Clock Enable
0: Internal clock, divided by prescaler division factor, is used to feed timer clock.
1: External source is used for timer clock.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com