Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 329 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 329 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 325Page - STMicroelectronics STR720 Datasheet HTML 326Page - STMicroelectronics STR720 Datasheet HTML 327Page - STMicroelectronics STR720 Datasheet HTML 328Page - STMicroelectronics STR720 Datasheet HTML 329Page - STMicroelectronics STR720 Datasheet HTML 330Page - STMicroelectronics STR720 Datasheet HTML 331Page - STMicroelectronics STR720 Datasheet HTML 332Page - STMicroelectronics STR720 Datasheet HTML 333Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 401 page
background image
STR720 - EXTENDED FUNCTION TIMER (EFT)
329/401
Control Register 2 (CR2)
Address Offset: 18h
Reset value: 0001h
Bit 15 = ICAIE: Input Capture A Interrupt Enable
0: No interrupt on input capture A.
1: Generate interrupt if ICFA flag is set.
Bit 14 = OCAIE: Output Compare A Interrupt Enable
0: No interrupt on OCFA set.
1: Generate interrupt if OCFA flag is set.
Bit 13 = TOIE: Timer Overflow Interrupt Enable
0: Interrupt is inhibited.
1: A timer interrupt is enabled whenever the TOF bit of the SR register is set.
Bit 12= ICBIE: Input Capture B Interrupt Enable
0: No interrupt on input capture B.
1: Generate interrupt if ICFB flag is set.
Bit 11 = OCBIE: Output Compare B Interrupt Enable
0: No interrupt on OCFB set.
1: Generate interrupt if OCFB flag is set.
Bit 10:8 = Reserved. These bits must be always written to 0.
Bit 7:0 = CC7-CC0: Prescaler division factor
This 7-bit string is the factor used by the prescaler to divide the internal clock. Timer clock will
be equal to f
APB / CC7÷CC0.
15
14
13
12
11
10
9
8
765432
1
0
ICAIE
OCAIE
TOE
ICBIE
OCBIE
reserved
CC7
CC6
CC5
CC4
CC3
CC2
CC1
CC0
rw
rw
rw
rw
rw
-
rw
rw
rw
rw
rw
rw
rw
rw
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com