Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 331 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 331 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 327Page - STMicroelectronics STR720 Datasheet HTML 328Page - STMicroelectronics STR720 Datasheet HTML 329Page - STMicroelectronics STR720 Datasheet HTML 330Page - STMicroelectronics STR720 Datasheet HTML 331Page - STMicroelectronics STR720 Datasheet HTML 332Page - STMicroelectronics STR720 Datasheet HTML 333Page - STMicroelectronics STR720 Datasheet HTML 334Page - STMicroelectronics STR720 Datasheet HTML 335Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 401 page
background image
STR720 - EXTENDED FUNCTION TIMER (EFT)
331/401
21.4.1
Register Map
A summary of the EFT registers is given in the following table.
Refer to Table 20 on page 49 for the base address.
Table 69. Extended Function Timer Register Map
Addr.
Offset
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
ICAR
Input Capture A
4
ICBR
Input Capture B
8
OCAR
Output Compare A
C
OCBR
Output Compare B
10
CNTR
Counter Value
14
CR1
EN
PWMI
reserved
FOLVB FOLVA OLVLB OLVLA
OCBE
OCAE
OPM
PWM
IEDGB IEDGA EXEDG ECKEN
18
CR2
ICAIE
OCAIE
TOE
ICBIE
OCBIE
reserved
CC7
CC6
CC5
CC4
CC3
CC2
CC1
CC0
1C
SR
ICFA
OCFA
TOF
ICFB
OCFB
reserved
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com