Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 334 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 334 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 330Page - STMicroelectronics STR720 Datasheet HTML 331Page - STMicroelectronics STR720 Datasheet HTML 332Page - STMicroelectronics STR720 Datasheet HTML 333Page - STMicroelectronics STR720 Datasheet HTML 334Page - STMicroelectronics STR720 Datasheet HTML 335Page - STMicroelectronics STR720 Datasheet HTML 336Page - STMicroelectronics STR720 Datasheet HTML 337Page - STMicroelectronics STR720 Datasheet HTML 338Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 401 page
background image
STR720 - S-D ANALOG/DIGITAL CONVERTER (ADC)
334/401
22.3.5
Clock Timing
The sigma-delta modulator must run at a clock frequency (F
Mod, oversampling rate) not
greater than 4 MHz. The registers in this converter are clocked by the APB clock. Double
clocked synchronization for data crossing clock boundaries avoids any metastability issue. It
is up to the user to correctly program the prescaler, to generate the correct oversampling
frequency based on the APB frequency:
where:
Presc = Value written in prescaler register (ADCCPR)
fAPB = APB bus clock frequency
Fs
= sampling frequency
In case the low-rate operation mode is selected, the formula above becomes:
As an example, if APB clock frequency is 33 MHz and required sampling frequency is 100 Hz,
ADCCPR register should be configured by writing 80 into it using the normal decimation
mode. The same prescaler value, using low-rate decimation mode, would produce a sampling
rate of 10 Hz.
Note
If the prescaler is set to generate a sampling frequency greater than specified,
conversion performance is not guaranteed.
22.3.6
Σ−∆ Modulator
The
Σ−∆ modulator used is a single-bit design, second-order feedback architecture modulator
including two integrators, two summing junctions and a comparator. The gains m1–m4 are set
by capacitor ratios in the integrators.
Figure 57. Modulator architecture
Presc
fAPB
Fs 512 8
⋅⋅
---------------------------
=
Presc
fAPB
Fs 5120 8
⋅⋅
------------------------------
=
m2
m4
m1
m3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com