Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 348 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 348 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 344Page - STMicroelectronics STR720 Datasheet HTML 345Page - STMicroelectronics STR720 Datasheet HTML 346Page - STMicroelectronics STR720 Datasheet HTML 347Page - STMicroelectronics STR720 Datasheet HTML 348Page - STMicroelectronics STR720 Datasheet HTML 349Page - STMicroelectronics STR720 Datasheet HTML 350Page - STMicroelectronics STR720 Datasheet HTML 351Page - STMicroelectronics STR720 Datasheet HTML 352Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 401 page
background image
STR720 - GENERAL PURPOSE I/O PORTS
348/401
The Figure 67 on page 348 shows the Alternate Function Configuration of the IO Port bit.
23.4 Register description
The IOPORT registers can not be accessed by byte.
Port Configuration Register0 (PC0)
Address Offset: 00h
Reset value: (*)
Bit 15:0 = C0[15:0]: Port Configuration bits
See Table 72 on page 344 to configure the IO Port.
Figure 67. Alternate Function Configuration
15
14
13
12
11
10
9
8
765432
1
0
C015
C014
C013
C012
C011
C010
C09
C08
C07
C06
C05
C04
C03
C02
C01
C00
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
I/O PIN
Alternate Function (OUT)
Alternate Function (IN)
Open Drain
Push-Pull



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com