Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 349 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 349 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 345Page - STMicroelectronics STR720 Datasheet HTML 346Page - STMicroelectronics STR720 Datasheet HTML 347Page - STMicroelectronics STR720 Datasheet HTML 348Page - STMicroelectronics STR720 Datasheet HTML 349Page - STMicroelectronics STR720 Datasheet HTML 350Page - STMicroelectronics STR720 Datasheet HTML 351Page - STMicroelectronics STR720 Datasheet HTML 352Page - STMicroelectronics STR720 Datasheet HTML 353Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 401 page
background image
STR720 - GENERAL PURPOSE I/O PORTS
349/401
Port Configuration Register1 (PC1)
Address Offset: 04h
Reset value: (*)
Bit 15:0 = C1[15:0]: Port Configuration bits
See Table 72 on page 344 to configure the IO Port.
Port Configuration Register2 (PC2)
Address Offset: 08h
Reset value: (*)
Bit 15:0 = C2[15:0]: Port Configuration bits
See Table 72 on page 344 to configure the IO Port.
IO Data Register (PD)
Address Offset: 0Ch
Reset value: (*)
Bit 15:0 = D[15:0]: IO Data bits
A writing access to this register always writes the data in the Output Latch.
A reading access reads the data from the Input Latch in Input and Alternate function
configurations or from the Output Latch in Output and High impedance configurations.
(*) Refer to the device IO pin list
15
14
13
12
11
10
9
8
765432
1
0
C115
C114
C113
C112
C111
C110
C19
C18
C17
C16
C15
C14
C13
C12
C11
C10
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
765432
1
0
C215
C214
C213
C212
C211
C210
C29
C28
C27
C26
C25
C24
C23
C22
C21
C20
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
765432
1
0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com