Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 354 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 354 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 350Page - STMicroelectronics STR720 Datasheet HTML 351Page - STMicroelectronics STR720 Datasheet HTML 352Page - STMicroelectronics STR720 Datasheet HTML 353Page - STMicroelectronics STR720 Datasheet HTML 354Page - STMicroelectronics STR720 Datasheet HTML 355Page - STMicroelectronics STR720 Datasheet HTML 356Page - STMicroelectronics STR720 Datasheet HTML 357Page - STMicroelectronics STR720 Datasheet HTML 358Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 401 page
background image
STR720 - MISCELLANEA REGISTERS (GCR - CGC - AHB_ERR)
354/401
24.4 CGC Block description
The CGC block enables to configure the AHB and S-APB peripheral clock and reset lines so
as to individually control each of them. The specific clock signals used by IDE and USB can
be controlled using dedicated registers implemented in these cell. A set 16-bit registers is
used to keep the clock gating and reset line state configuration for each of the controlled
peripherals.
CGC Peripheral Clock Gating register 1 (CGC-PCG1)
Address: 0xF000_2C00
Reset value: 0x0023
This register configures clock gating for each of the controlled AHB/S-APB peripherals. Each
peripheral can be used only when its corresponding gating bit is cleared.
Bits 15:12, 9:8, 4 = Reserved. These bits must be always written to 0.
Bits 11:10, 7:5, 3:0 = PxCO: Peripheral x Clock Off
0: Peripheral x clock is gated off and the block is not clocked.
1: Peripheral x is clocked.
The following table lists the correspondence between each controllable peripheral and the
CGC-PCG1 register bits along with their reset value.
15
14
13
12
11
10
9
8
765432
1
0
Reserved
P11CO P10CO
Reserved
P7CO
P6CO
P5CO
Res.
P3CO
P2CO
P1CO
P0CO
-
rw
rw
-
rw
rw
rw
-
rw
rw
rw
rw
Table 74. CGC-PCG1 bit assignment
CGC-PCG1
Bit
Affected
peripheral
Reset
status
P0CO
EMI
On
P1CO
DRAMC
On
P2CO
DMAC
Off
P3CO
ATAPI
Off
P5CO
EIC
On
P6CO
GPIO-P3
Off
P7CO
GPIO-P4
Off
P10CO
WIU
Off
P11CO
RTC
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com