Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 356 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 356 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 352Page - STMicroelectronics STR720 Datasheet HTML 353Page - STMicroelectronics STR720 Datasheet HTML 354Page - STMicroelectronics STR720 Datasheet HTML 355Page - STMicroelectronics STR720 Datasheet HTML 356Page - STMicroelectronics STR720 Datasheet HTML 357Page - STMicroelectronics STR720 Datasheet HTML 358Page - STMicroelectronics STR720 Datasheet HTML 359Page - STMicroelectronics STR720 Datasheet HTML 360Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 401 page
background image
STR720 - MISCELLANEA REGISTERS (GCR - CGC - AHB_ERR)
356/401
CGC Emulation register 1 (CGC-EMU1)
Address: 0xF000_2C08
Reset value: 0x0FFF
This register configures the status of clock gating for each of the controlled AHB/S-APB
peripherals while the application program execution is stopped due to a debug request. Each
peripheral can be configured to stop working as the user code reaches a breakpoint.
Bits 15:12, 9:8, 4 = Reserved. These bits must be always written to 0.
Bits 11:10, 7:5, 3:0 = PxEM: Peripheral x clock during EMulation
0: Peripheral x clock is gated off at a debug request, regardless from the state of the
corresponding PxCO bit.
1: Peripheral x clock gating status is unaffected by debug requests, and it is always
determined by its corresponding PxCO bit.
The following table lists the correspondence between each controllable peripheral and the
CGC-EMU1 register bits along with their reset value.
15
14
13
12
11
10
9
8
765432
1
0
Reserved
P11EM P10EM
Reserved
P7EM
P6EM
P5EM
Res.
P3EM
P2EM
P1EM
P0EM
-
rw
rw
-
rw
rw
rw
-
rw
rw
rw
rw
Table 76. CGC-EMU1 bit assignment
CGC-EMU 1
Bit
Affected
peripheral
Reset
status
P0EM
EMI
Not affected by debug requests.
P1EM
DRAMC
Not affected by debug requests.
P2EM
DMAC
Not affected by debug requests.
P3EM
ATAPI
Not affected by debug requests.
P5EM
EIC
Not affected by debug requests.
P6EM
GPIO-P3
Not affected by debug requests.
P7EM
GPIO-P4
Not affected by debug requests.
P10EM
WIU
Not affected by debug requests.
P11EM
RTC
Not affected by debug requests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com