Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 391 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 391 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 387Page - STMicroelectronics STR720 Datasheet HTML 388Page - STMicroelectronics STR720 Datasheet HTML 389Page - STMicroelectronics STR720 Datasheet HTML 390Page - STMicroelectronics STR720 Datasheet HTML 391Page - STMicroelectronics STR720 Datasheet HTML 392Page - STMicroelectronics STR720 Datasheet HTML 393Page - STMicroelectronics STR720 Datasheet HTML 394Page - STMicroelectronics STR720 Datasheet HTML 395Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 401 page
background image
STR720 - ELECTRICAL CHARACTERISTICS
391/401
Where RIN can be defined by the following formula.
All parameters required to describe ADC input pads are reported in the following table.
1.
VDD(all) = 1.80 V ± 10%, VDD3(all) = 3.30 V ± 10%, TA = -40 / +85 °C unless otherwise specified.
2.
Data based on design guidelines, not tested in production.
3.
Data based on design characterization performed on sample devices, not tested in production.
4.
Data based on design guidelines and validation, not tested in production.
Table 106. ADC Input Characteristics
Symbol
Parameter
Test Conditions(1)
Value
Unit
Min.
Typ
Max
CIN
Analog input capacitance(2)
See Figure 79.
CIN = CP1+CP2+CS
--
5
pF
FMOD
Modulator frequency(3)
(oversampling clock)
--
4
MHz
K
Equivalent analog input
resistor constant(4)
See Figure 80.
In single channel mode value
must be divided by 4.
1728
2160
2592
k
Ω⋅MHz
RIN
Equivalent analog
input resistance(4)
See Figure 80.
FMOD = 4 MHz,
round-robin mode.
-
540
-
k
Ω
VCM
Common mode voltage(2)
1.19
1.25
1.31
V
fAIN
Analog input bandwidth(2)
(FMOD/4096)
FMOD = 4 MHz
-
-
976
Hz
ts
Conversion time
FMOD = 4 MHz
128
ns
R
IN
K
1
F
MOD
---------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com